Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5050 Datasheet(PDF) 17 Page - ams AG

Part # AS5050
Description  Low Power 10-Bit Magnetic Rotary Encoder
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5050 Datasheet(HTML) 17 Page - ams AG

Back Button AS5050 Datasheet HTML 13Page - ams AG AS5050 Datasheet HTML 14Page - ams AG AS5050 Datasheet HTML 15Page - ams AG AS5050 Datasheet HTML 16Page - ams AG AS5050 Datasheet HTML 17Page - ams AG AS5050 Datasheet HTML 18Page - ams AG AS5050 Datasheet HTML 19Page - ams AG AS5050 Datasheet HTML 20Page - ams AG AS5050 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
www.ams.com/AS5050
Revision 1.16
17 - 25
AS5050
Datasheet - Ap plicati on Information
8.1.3 SPI Connection to the Host µC
Single Slave Mode.
Figure 13. Single Slave Mode
Note: 3-Wire Mode (read only): If the ERROR FLAG is set the device must be externally reset.
tH
Time between last falling edge of SCK and rising edge of SS/
tSCK / 2
ns
tXSSH
High time of SS/ between two transmissions
50
ns
tMOSI
Data input valid to clock edge
20
ns
tMISO
SCK edge to data output valid
20
ns
Table 16. SPI Timing Characteristics
Parameter
Description
Min
Max
Unit
UC
AS5050
MOSI
MISO
SCK
SS/
MISO
MOSI
SCK
SS/
Wire_Mode
1
UC
AS5050
SISO
SCK
SS/
MOSI
MISO
SCK
SS/
Wire_Mode
0
Write CMD
Read angle 3
Write CMD
Read angle2
Angle1
Angle2
Write CMD
Read angle1
Write CMD
Read angle4
Angle 3
Write CMD
Read angle 5
Write CMD
Read angle6
Angle5
Angle 4
Write CMD
NOP
...
Angle6
Write CMD
Read angle2
Write CMD
Read angle1
Angle 1
Angle 2
Write CMD
Read angle 3
Angle 4
Angle 3
MOSI
MISO
0xFFFF
0xFFFF
0xFFFF
0xFFFF
0xFFFF
SISO
Write CMD
Read angle 4
UC
AS5050
MISO
SCK
SS/
MISO
MOSI
SCK
SS/
Wire_Mode
1
1
...
Angle 1
Angle 2
Angle4
Angle3
Angle6
Angle5
MISO
Angle7
4-wire mode
3-wire mode(Read only )
3-wire mode(Bi- dir)
0xFFFF
0xFFFF
0xFFFF
0xFFFF
0xFFFF
SS/
SS/
SS/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com