Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5050 Datasheet(PDF) 13 Page - ams AG

Part # AS5050
Description  Low Power 10-Bit Magnetic Rotary Encoder
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5050 Datasheet(HTML) 13 Page - ams AG

Back Button AS5050 Datasheet HTML 9Page - ams AG AS5050 Datasheet HTML 10Page - ams AG AS5050 Datasheet HTML 11Page - ams AG AS5050 Datasheet HTML 12Page - ams AG AS5050 Datasheet HTML 13Page - ams AG AS5050 Datasheet HTML 14Page - ams AG AS5050 Datasheet HTML 15Page - ams AG AS5050 Datasheet HTML 16Page - ams AG AS5050 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
www.ams.com/AS5050
Revision 1.16
13 - 25
AS5050
Datasheet - Detailed Descri p ti on
NOP Command. The NOP command represents a dummy write to the AS5050.
Figure 9. NOP Command
The NOP command frame looks like follows.
The chip’s response on this command is 0x0000 – if no error happens.
7.2.6 Error Monitoring
The correct operation and communication of the AS5050 is ensured by several particular error flags. Every read access is supported by an error
flag (EF) to indicate a transmission error. In addition a dedicated error status register is accessible. See Table 14 on page 14.
Table 13. NOP Command
Bit
MSB
14
13
12
11
10
9
8
7
6
5
4
3
2
1
LSB
000
00000
00000
00
NOP command (0x0000)
Alarm HI
Alarm LO
Mode Description
00
AGC level is higher than the minimum value and lower than the maximum value
01
AGC level is equal or even lower than the minimum level
10
AGC level is equal or even higher than the maximum level
11
Indicates if any error flag has occurred. For detailed information, refer to Error Status Command on page
14.
NOP
NOP
MOSI
MSB
LSB
MSB
LSB
Response-1
0x0000
MISO
MSB
LSB
MSB
LSB
TCOM
Transmission N
Transmission N +1
Next command
MSB
LSB
0x0000
MSB
LSB
Transmission N +2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com