Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5050 Datasheet(PDF) 14 Page - ams AG

Part # AS5050
Description  Low Power 10-Bit Magnetic Rotary Encoder
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5050 Datasheet(HTML) 14 Page - ams AG

Back Button AS5050 Datasheet HTML 10Page - ams AG AS5050 Datasheet HTML 11Page - ams AG AS5050 Datasheet HTML 12Page - ams AG AS5050 Datasheet HTML 13Page - ams AG AS5050 Datasheet HTML 14Page - ams AG AS5050 Datasheet HTML 15Page - ams AG AS5050 Datasheet HTML 16Page - ams AG AS5050 Datasheet HTML 17Page - ams AG AS5050 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
www.ams.com/AS5050
Revision 1.16
14 - 25
AS5050
Datasheet - Detailed Descri p ti on
Error Status Command.
PARITY: Indicates when the transmitted parity bit does not match to calculated parity bit
CLKMON: Clock monitoring indicates when the amount of clock cycles is not correct
ADDMON: Address monitoring appears when the address does not exist
WOW: This is a handshake mechanism to check system integrity. By sending a READ ANGLE command the internal flag (WOW) is set to high.
At the end of measurement the WOW is set to low again. In failure case (internal dead lock situation) the WOW flag remains high.
MODE: During sleep mode, the flag is 0. When the IC is busy (measuring), the flag is 1.
DACOV: The DACOV bit occurs if the magnetic input field strengths is too large for at least one Hall element. This can be the case if the magnet
is displaced.
DSPOV: CORDIC overflow occurs when the input signals of CORDIC are too large
RANERR: Range error appears when the voltage drop over the internal current source decreases which is caused by increased temperature.
The accuracy is getting worse.
DSPALO: DSP Alarm LO; AGC level is equal or even lower than the minimum level.
DSPAHI: DSP Alarm HI; AGC level is equal or even higher than the maximum level.
For additional information on Error Status, please refer to the application note AN5000_Error Monitoring.
Table 14. Error Status Command
Description
Error Status DSP
Error Status System
Error Status SPI
Bit
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Type
reserved DSPAHI DSPALO RANERR DSPOV DACOV reserved MODE WOW reserved ADDMON CLKMON PARITY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com