Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5261 Datasheet(PDF) 9 Page - ams AG

Part # AS5261
Description  12-Bit Automotive Angle Position Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5261 Datasheet(HTML) 9 Page - ams AG

Back Button AS5261 Datasheet HTML 5Page - ams AG AS5261 Datasheet HTML 6Page - ams AG AS5261 Datasheet HTML 7Page - ams AG AS5261 Datasheet HTML 8Page - ams AG AS5261 Datasheet HTML 9Page - ams AG AS5261 Datasheet HTML 10Page - ams AG AS5261 Datasheet HTML 11Page - ams AG AS5261 Datasheet HTML 12Page - ams AG AS5261 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
AS5261
Datasheet - Detailed Descr i p ti on
www.ams.com
Revision 1.1
8 - 32
8 Detailed Description
The AS5261 is manufactured in a CMOS process and uses a spinning current Hall technology for sensing the magnetic field distribution across
the surface of the chip. This IC consists of two galvanic isolated dies. All following in and register names refers to one die.
The integrated Hall elements are placed around the center of the device and deliver a voltage representation of the magnetic field at the surface
of the IC.
Through Sigma-Delta Analog / Digital Conversion and Digital Signal-Processing (DSP) algorithms, the AS5261 provides accurate high-resolution
absolute angular position information. For this purpose a Coordinate Rotation Digital Computer (CORDIC) calculates the angle and the
magnitude of the Hall array signals.
The DSP is also used to provide digital information at the outputs that indicate movements of the used magnet towards or away from the device’s
surface.
A small low cost diametrically magnetized (two-pole) standard magnet provides the angular position information.
The AS5261 senses the orientation of the magnetic field and calculates a 14-bit binary code. This code is mapped to a programmable output
characteristic in a PWM duty cycle format. This signal is available at the pin (OUT).
The application angular region can be programmed in a user friendly way. The start angle position T1 and the end point T2 can be set and
programmed according the mechanical range of the application with a resolution of 14 bits. In addition the T1Y and T2Y parameter can be set
and programmed according the application. The transition point 0 to 360 degree can be shifted using the break point parameter BP. The voltage
for clamping level low CLL and clamping level high CLH can be programmed with a resolution of 9 bits. Both levels are individually adjustable.
Two additional linearization points can be used to improve the system linearity. These points C1 and C2 are programmable.
The output parameters can be programmed in an OTP register. No additional voltage is required to program the AS5261. The setting may be
overwritten at any time and will be reset to default when power is cycled. To make the setting permanent, the OTP register must be programmed
by using a lock bit the content could be frozen for ever.
The AS5261 is tolerant to magnet misalignment and unwanted external magnetic fields due to differential measurement technique and Hall
sensor conditioning circuitry.
8.1 Operation
8.1.1 VDD Voltage Monitor
VDD Over Voltage Management. If the voltage applied to the VDD pin exceeds the over-voltage upper threshold for longer than the
detection time the output is turned off. When the over voltage event has passed and the voltage applied to the VDD pin falls below the over-
voltage lower threshold for longer than the recovery time the device enters the normal mode and the output is enabled.
VDD Under Voltage Management. When the voltage applied to the VDD pin falls below the under-voltage lower threshold for longer than
the detection time the output is turned off. When the voltage applied to the VDD pin exceeds the under-voltage upper threshold for longer than
the detection time the device enters the normal mode and the output is enabled.
8.2 PWM Output
By default (after programmed CUST_LOCK OTP bit) the PWM output mode is selected. The pin OUT provides a modulated signal that is
proportional to the angle of the rotating magnet. Due to an intelligent approach a permanent short circuit will not damage the device. This is also
feasible in a high voltage condition up to 20 V and at the highest specified ambient temperature.
After the digital signal processing (DSP) a PWM engine provides the output signal.
The DSP maps the application range to the output characteristic. An inversion of the slope is also programmable to allow inversion of the rotation
direction.
An on-chip diagnostic feature handles the error state at the output. Depending on the failure the output is in HiZ condition or indicates a PWM
signal within the failure bands of 4 – 96 % duty cycle. (see Table 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com