Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5261 Datasheet(PDF) 29 Page - ams AG

Part # AS5261
Description  12-Bit Automotive Angle Position Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5261 Datasheet(HTML) 29 Page - ams AG

Back Button AS5261 Datasheet HTML 25Page - ams AG AS5261 Datasheet HTML 26Page - ams AG AS5261 Datasheet HTML 27Page - ams AG AS5261 Datasheet HTML 28Page - ams AG AS5261 Datasheet HTML 29Page - ams AG AS5261 Datasheet HTML 30Page - ams AG AS5261 Datasheet HTML 31Page - ams AG AS5261 Datasheet HTML 32Page - ams AG AS5261 Datasheet HTML 33Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
AS5261
Datasheet - Pack a ge Drawin gs and Ma r k ings
www.ams.com
Revision 1.1
28 - 32
10 Package Drawings and Markings
The device is available in a MLF-16 package.
Figure 14. Package Drawings and Dimensions
Marking: YYWWIZZ.
YY
WW
V
ZZ
Year
Week
Assembly plant identifier
Assembly traceability code
Symbol
Min
Nom
Max
A
0.80
0.90
1.00
A1
0
0.02
0.05
A2
-
0.65
1.00
A3
0.20 REF
L
0.50
0.60
0.70
L1
0.05
0.15
0.25
L2
0.05
0.10
0.15
Θ
0º
-
14º
b
0.35
0.40
0.45
b1
0.20
0.25
0.30
D
6.00 BSC
E
6.00 BSC
e
1.00 BSC
D1
5.75 BSC
E1
5.75 BSC
D
2
4.10
4.20
4.30
E2
4.10
4.20
4.30
aaa
-
0.15
-
bbb
-
0.10
-
ccc
-
0.10
-
ddd
-
0.05
-
eee
-
0.08
-
fff
-
0.10
-
N16
Notes:
1. Dimensions and tolerancing confirm to ASME Y14.5M-1994.
2. All dimensions are in miilimeters. Angles are in degrees.
3. Bilaretal coplanarity zone applies to the exposed pad as well as the terminal.
4. Radius on the terminal is optional.
5. N is the total number of terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com