Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5261 Datasheet(PDF) 28 Page - ams AG

Part # AS5261
Description  12-Bit Automotive Angle Position Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5261 Datasheet(HTML) 28 Page - ams AG

Back Button AS5261 Datasheet HTML 24Page - ams AG AS5261 Datasheet HTML 25Page - ams AG AS5261 Datasheet HTML 26Page - ams AG AS5261 Datasheet HTML 27Page - ams AG AS5261 Datasheet HTML 28Page - ams AG AS5261 Datasheet HTML 29Page - ams AG AS5261 Datasheet HTML 30Page - ams AG AS5261 Datasheet HTML 31Page - ams AG AS5261 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
AS5261
Datasheet - Application In form atio n
www.ams.com
Revision 1.1
27 - 32
9.7 Programming Procedure

Pull-up on out pin

VDD=5V

Wait 10ms (after the startup time device enters communication mode)

Write command: Trimming bits are written in the OTP RAM

Read command: All the trimming bits are read back to check the correctness of the writing procedure.

Write AS5261KEY in the Fuse register: The OTP RAM content is permanently transferred into the Poly Fuse cells.

Wait 10 ms (fuse time)

Write command, R1K_10K<1:0>=(11)b: Poly Fuse cells are downloaded into the RAM memory using a 10K resistance as reference.

Wait 5 ms (download time)

Read R1K_10K register, the expected value is 00b

Write command, R1K_10K<1:0>=(11)b

Read R1K_10K register, the expected value is (11)b. NB: Step11 and Step12 have to be consecutive.

Read command: all the fused bits downloaded with 10K resistance are read back.

Write command, R1K_10K=<1:0>=(10)b: Poly Fuse cells are downloaded into the RAM memory using a 1K resistance as reference.

Wait 5 ms (download time)

Read R1K_10K register, the expected value is (00)b

Write command register, R1K_10K<1:0>=(10)b

Read R1K_10K register, the expected value is (10)b NB: Step18 and Step19 have to be consecutive.

Read command: All the fused bits downloaded with 1K resistance are read back.

Check that read commands at Steps 5, 13 and 19 are matching

Write AS5261 KEY in the Pass2Func register: Device enters normal mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com