Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5261 Datasheet(PDF) 16 Page - ams AG

Part # AS5261
Description  12-Bit Automotive Angle Position Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5261 Datasheet(HTML) 16 Page - ams AG

Back Button AS5261 Datasheet HTML 12Page - ams AG AS5261 Datasheet HTML 13Page - ams AG AS5261 Datasheet HTML 14Page - ams AG AS5261 Datasheet HTML 15Page - ams AG AS5261 Datasheet HTML 16Page - ams AG AS5261 Datasheet HTML 17Page - ams AG AS5261 Datasheet HTML 18Page - ams AG AS5261 Datasheet HTML 19Page - ams AG AS5261 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
AS5261
Datasheet - Application In form atio n
www.ams.com
Revision 1.1
15 - 32
9 Application Information
9.1 Recommended Application Schematic
Figure 10 shows the recommended schematic in the application. All components marked with (*) are optional and can be used to further
increase the EMC.
Figure 10. AS5261 6-Wire Connection with Pull-Up Resistors
9.2 Programming the AS5261
The AS5261 programming is a one-time-programming (OTP) method, based on polysilicon fuses. The advantage of this method is that no
additional programming voltage is needed. The internal LDO provides the current for programming.
The OTP consists of 128 bits; several bits are available for user programming. In addition factory settings are stored in the OTP memory. Both
regions are independently lockable by build in lock bits.
A single OTP cell can be programmed only once. Per default, the cell is “0”; a programmed cell will contain a “1”. While it is not possible to reset
a programmed bit from “1” to “0”, multiple OTP writes are possible, as long as only unprogrammed “0”-bits are programmed to “1”.
Independent of the OTP programming, it is possible to overwrite the OTP register temporarily with an OTP write command. This is possible only
if the user lock bit is not programmed.
Table 10. External Components
Symbol
Parameter
Min
Typ
Max
Unit
Note
C1
VDD buffer capacitor
0.8
1
1.2
µF
Low ESR 0.3
Ω
C2
VDD3V3 regulator capacitor
0.8
1
1.2
µF
Low ESR 0.3
Ω
C3
OUT load capacitor (sensor PCB)
0
4.7
nF
C4
*
VDD capacitor (optional)
4.7
nF
Do not increase due to
programming over output.
R1
*
VDD serial resistor (optional)
10
Ω
CL
OUT load capacitor (ECU)
0
33
nF
R2
*
OUT serial resistor (optional)
50
Ω
RLPU
OUT pull-up resistance
4
10
k
Ω
C1_x
Electric Control Unit
C2_x
C3_x
C4_x*
R1_x*
R2_x*
RLPU_T
CL_T
TP1_T
TP1_B
16
13
14
15
5
8
7
6
1
4
3
2
12
9
10
11
S_B
S_T
TP3_B
TP3_T
AS5261
VDD3V3_T
VDD3V3_B
RLPU_B
CL_B
Sensor PCB
VDD1
VDD2
GND1
GND2
OUT2
OUT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com