Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5261 Datasheet(PDF) 6 Page - ams AG

Part # AS5261
Description  12-Bit Automotive Angle Position Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5261 Datasheet(HTML) 6 Page - ams AG

Back Button AS5261 Datasheet HTML 2Page - ams AG AS5261 Datasheet HTML 3Page - ams AG AS5261 Datasheet HTML 4Page - ams AG AS5261 Datasheet HTML 5Page - ams AG AS5261 Datasheet HTML 6Page - ams AG AS5261 Datasheet HTML 7Page - ams AG AS5261 Datasheet HTML 8Page - ams AG AS5261 Datasheet HTML 9Page - ams AG AS5261 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
AS5261
Datasheet - Absolute Maximum Rat i ngs
www.ams.com
Revision 1.1
5 - 32
6 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated in Electrical Characteristics on page 6 is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
Comments
Electrical Parameters
VDD
DC supply voltage at pin VDD
Overvoltage
-20
20
V
No operation
VOUT
Output voltage OUT
-0.3
20
V
Permanent
VDD3V3
DC supply voltage at pin VDD3V3
-0.3
5
V
Iscr
Input current (latchup immunity)
-100
100
mA
Norm: AEC-Q100-004
Electrostatic Discharge
ESD
Electrostatic discharge
±2
kV
Norm: AEC-Q100-002
Temperature Ranges and Storage Conditions
Tstrg
Storage temperature
-55
+150
ºC
Min -67ºF; Max +257ºF
TBody
Body temperature
260
ºC
The reflow peak soldering temperature (body
temperature) specified is in accordance with
IPC/JEDEC J-STD-020 “Moisture/Reflow
Sensitivity Classification for Non-Hermetic Solid
State Surface Mount Devices”. The lead finish
for Pb-free leaded packages is matte tin (100%
Sn).
H
Humidity non-condensing
5
85
%
MSL
Moisture Sensitive Level
3
Represents a maximum floor life time of 168h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com