Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5261 Datasheet(PDF) 14 Page - ams AG

Part # AS5261
Description  12-Bit Automotive Angle Position Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5261 Datasheet(HTML) 14 Page - ams AG

Back Button AS5261 Datasheet HTML 10Page - ams AG AS5261 Datasheet HTML 11Page - ams AG AS5261 Datasheet HTML 12Page - ams AG AS5261 Datasheet HTML 13Page - ams AG AS5261 Datasheet HTML 14Page - ams AG AS5261 Datasheet HTML 15Page - ams AG AS5261 Datasheet HTML 16Page - ams AG AS5261 Datasheet HTML 17Page - ams AG AS5261 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
AS5261
Datasheet - Detailed Descr i p ti on
www.ams.com
Revision 1.1
13 - 32
Figure 9. Overview Output Range
Figure 9 gives an overview about the different ranges. The failure bands are used to indicate a wrong operation of the AS5261. This can be
caused due to a broken supply line. By using the specified load resistors the output level will remain in these bands during a fail. It is
recommended to set the clamping level CLL above the lower failure band and the clamping level CLH below the higher failure band.

CLOAD ≤ 33 nF, RPU= 1k…10k
Ω
Clamping Region Low
Failure Band Low
0
4
CLL
CLH
96
100
Failure Band High
Application Region
Clamping Region High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com