Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8506 Datasheet(PDF) 75 Page - ams AG

Part # AS8506
Description  Battery Cell Monitor and Balancer IC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8506 Datasheet(HTML) 75 Page - ams AG

Back Button AS8506 Datasheet HTML 71Page - ams AG AS8506 Datasheet HTML 72Page - ams AG AS8506 Datasheet HTML 73Page - ams AG AS8506 Datasheet HTML 74Page - ams AG AS8506 Datasheet HTML 75Page - ams AG AS8506 Datasheet HTML 76Page - ams AG AS8506 Datasheet HTML 77Page - ams AG AS8506 Datasheet HTML 78Page - ams AG AS8506 Datasheet HTML 79Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 89 page
background image
ams Datasheet, Confidential:2013-Sep [1-00]
AS8506 – 75
Devic e I n te r f ac e
Figure 97:
OTP Reflection Register 7
Figure 98:
OTP Reflection Register 8
Note(s) and/or Footnote(s):
1. Registers from address 0x38 to 0x39 are ‘Reserved’.
2. Registers from address 0x3A to 0x4E are OTP and Test registers. These are for factory use.
Address
Register Name
Features and Bit Description
SPI4
SPI3
POR
Value
0x36
otp_refln_reg_7
D7:D0
OTP bits [48:55]
R
R
0000_0000
POR_V5V
Address
Register Name
Features and Bit Description
SPI4
SPI3
POR
Value
0x37
otp_refln_reg_8
D7:D0
OTP bits [56:63]
R
R
0000_0000
POR_V5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com