Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8506 Datasheet(PDF) 29 Page - ams AG

Part # AS8506
Description  Battery Cell Monitor and Balancer IC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8506 Datasheet(HTML) 29 Page - ams AG

Back Button AS8506 Datasheet HTML 25Page - ams AG AS8506 Datasheet HTML 26Page - ams AG AS8506 Datasheet HTML 27Page - ams AG AS8506 Datasheet HTML 28Page - ams AG AS8506 Datasheet HTML 29Page - ams AG AS8506 Datasheet HTML 30Page - ams AG AS8506 Datasheet HTML 31Page - ams AG AS8506 Datasheet HTML 32Page - ams AG AS8506 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 89 page
background image
ams Datasheet, Confidential:2013-Sep [1-00]
AS8506 – 29
Detaile d Desc rip t ion
Operating Modes
The AS8506 has two main operating modes NORMAL and SLEEP,
and has two transition modes WAIT and WAKE. The transition
modes are intermediate modes for switching from SLEEP to
NORMAL and vice versa. The detailed operation of each mode
is explained in subsequent sections. The initialization phase is
explained in“Initialization Sequence” on page 36.
NORMAL Mode
The device enters into NORMAL from WAKE when it receives a
short or long trigger. The NORMAL mode is a full functional
mode, where all the power supply and analog blocks are in
ON-state and the digital is fully functional.
The NORMAL mode has two phases of operation:
• Diagnosis phase
• Balance phase
Diagnosis Phase
In Diagnosis phase AS8506 detects the number of cells
connected to the device. The connected cell voltages are then
compared with upper & lower thresholds and target cell voltage
of all cells connected. Upper and lower cell voltage thresholds
as well as target cell voltages are provided from external in
analog or digital format. The Diagnosis phase sequence of
operation is explained below.
• Detects number of cells connected to the device by
comparing each cell terminals to cell detect threshold
voltage.
• Simultaneously compares each connected cell voltage
with set lower operating voltage threshold Vlimit_L. If any
of the cell voltages is less than the set lower operating
threshold, then an indication is given on CVT_NOK_OUT
pin stating that one/more cell voltages are not within the
operating voltage threshold range. Each cell status is
stored in cel_low_thsld_stat_reg register.
• Simultaneously compares each connected cell voltage
with set higher operating voltage threshold Vlimit_H. If
any of the cell voltages is greater than the set higher
operating threshold, then an indication is given on
CVT_NOK_OUT pin stating that one/more cell voltages
are not within the operating voltage threshold range. Each
cell status is stored in cel_high_thsld_stat_reg register.
• Simultaneously compares each connected cell voltage
with reference value. This result is stored in
cel_ref_stat_reg register and used in balance phase. Cell
reference can be provided by microcontroller by writing
into register or by providing input at external pin
VREF_IN.
• Enables the SAR ADC and measures each cell voltage and
two temperature inputs sequentially. The 12 bits cell
voltage and temperature inputs information is stored in
respective registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com