Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8506 Datasheet(PDF) 88 Page - ams AG

Part # AS8506
Description  Battery Cell Monitor and Balancer IC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8506 Datasheet(HTML) 88 Page - ams AG

Back Button AS8506 Datasheet HTML 81Page - ams AG AS8506 Datasheet HTML 82Page - ams AG AS8506 Datasheet HTML 83Page - ams AG AS8506 Datasheet HTML 84Page - ams AG AS8506 Datasheet HTML 85Page - ams AG AS8506 Datasheet HTML 86Page - ams AG AS8506 Datasheet HTML 87Page - ams AG AS8506 Datasheet HTML 88Page - ams AG AS8506 Datasheet HTML 89Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 88 / 89 page
background image
AS8506 – 88
ams Datasheet, Confidential:2013-Sep [1-00]
Ref e r e nc e Gu ide
1
General Description
2
Key Benefits & Features
2
Applications
3
Block Diagram
4
Pin Assignment
8Absolute Maximum Ratings
10
Typical Operating Characteristics
11
Electrical Characteristics
11
Device Level Specifications
12
Low Dropout Regulator (5V Output LDO)
13
High-precision Bandgap Reference
13
Digital to Analog Converter
14
Analog to Digital Converter
14
Pre-Regulator
15
PWM Driver
16
PWM Oscillator
16
Oscillator for Digital Circuit
17
External Temperature Thresholds
18
Ron of the Shuttle Switches (Internal Switch for
Charging/Discharging)
18
Over-Temperature Measurement
19
Weak Cell Detection (Voltage Comparator)
19
Power on Voltage Detection
20
Electrical Characteristics for Digital Inputs and Outputs
22
Detailed Description
22
Voltage Regulator (LDO_5V)
22
High Precision Bandgap (HPBG)
22
External Temperature Monitor and Measurement
23
Internal Temperature Monitor
23
PWM Generator
23
RC Oscillator
23
DAC for the Reference Generation
24
SAR ADC
24
Pre-Regulator
24
Cell Threshold
24
Weak Cell Detection
24
External Resister Divider Control
25
PORs on Different Supplies
26
AS8506 System Operation
28
Functional State Diagram
29
Operating Modes
29
NORMAL Mode
29
Diagnosis Phase
30
Balance Phase
30
Sleep Mode
30
Wait Mode
31
Wake Mode
32
Wake-up Event
33
Trigger Event
35
Balancing Algorithm
36
Initialization Sequence
Reference Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com