Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8506 Datasheet(PDF) 45 Page - ams AG

Part # AS8506
Description  Battery Cell Monitor and Balancer IC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8506 Datasheet(HTML) 45 Page - ams AG

Back Button AS8506 Datasheet HTML 41Page - ams AG AS8506 Datasheet HTML 42Page - ams AG AS8506 Datasheet HTML 43Page - ams AG AS8506 Datasheet HTML 44Page - ams AG AS8506 Datasheet HTML 45Page - ams AG AS8506 Datasheet HTML 46Page - ams AG AS8506 Datasheet HTML 47Page - ams AG AS8506 Datasheet HTML 48Page - ams AG AS8506 Datasheet HTML 49Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 89 page
background image
ams Datasheet, Confidential:2013-Sep [1-00]
AS8506 – 45
Devic e I n te r f ac e
In the address allocation process, the
CVT_NOK_IN/CVT_NOK_OUT pins of AS8506 are used. After
the successful SPI3 address allocation write operation, all
AS8506 devices including Master will store the top device
address (sent by Master in SPI3 address allocation write) as its
address. The top device identifies itself as top most device and
registers the address as its final address and at first rising edge
of clock all devices force ‘High’ on its CVT_NOK_OUT pin. The
concept of address allocation is: after the STOP of SPI3, at every
falling edge of the clock each device will sample its
CVT_NOK_IN pin. If CVT_NOK_IN pin is ‘High’, the device will
decrement the assigned address by ‘1’ and continue to force
‘High’ on its CVT_NOK_OUT pin at rising edge of clock. If
CVT_NOK_IN is sampled to be ‘Low’, then the address value at
register will be stored as its final device address and it stops
forcing ‘High’ on its CVT_NOK_OUT pin and makes it ‘Low’ at
next rising edge of clock.
In Figure 38, top most device pins are suffixed with ‘6’ down to
lower most device (Master) pins suffixed with ‘1’ in descending
order. There is no device above topmost device, CVT_NOK_IN6
is always ‘Low’; therefore the address sent by Master is final
address for the top device. For the fifth device the
CVT_NOK_IN5 is ‘Low’ for one clock cycle, the address is
decremented once. For the fourth device CVT_NOK_IN4 is ‘Low’
for two clock cycles, the address is decremented twice before
registering it as final address. This procedure is continued and
finally the Master device CVT_ONK_IN1 is ‘Low’ for 5 clock
cycles, the address is decremented five times and finally
address register will have value of “000001” as its final address.
The microcontroller can identify the end of address allocation
procedure in two ways:
• One way is by probing CVT_NOK_OUT of Master after
initiating address allocation process for a pulse.
• The other method is by polling bit0 of spi3_cmd_reg
register for ‘0’ (Low) and no CRC errors.
During SPI3 address allocation write operation, if a CRC error
occurs in the any of the Slaves, the Master indicates this failure
of SPI3 transaction to all Slaves by driving TST bit ‘High’. All
Slaves should terminate the address allocation process if a
‘High’ TST bit is seen during start address allocation process
SPI3 write operation. The Master will indicate the failure of
address allocation process to μC by asserting a flag in the
spi3_sts_reg register and sending interrupt pulse on its
CVT_NOK_OUT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com