Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8506 Datasheet(PDF) 1 Page - ams AG

Part # AS8506
Description  Battery Cell Monitor and Balancer IC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8506 Datasheet(HTML) 1 Page - ams AG

  AS8506 Datasheet HTML 1Page - ams AG AS8506 Datasheet HTML 2Page - ams AG AS8506 Datasheet HTML 3Page - ams AG AS8506 Datasheet HTML 4Page - ams AG AS8506 Datasheet HTML 5Page - ams AG AS8506 Datasheet HTML 6Page - ams AG AS8506 Datasheet HTML 7Page - ams AG AS8506 Datasheet HTML 8Page - ams AG AS8506 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 89 page
background image
ams Datasheet, Confidential:2013-Sep [1-00]
AS8506 – 1
AS8506
Battery Cell Monitor and Balancer IC
The AS8506 is a battery management IC dedicated to support
cell voltage measurement, monitoring, cell balancing and
temperature measurement functions in Li-Ion battery stacks for
electric/hybrid electric vehicles or in other
industrial/consumer/PV battery applications.
There are two device versions available:
• The AS8506 is AEC - Q100 automotive qualified.
• The AS8506C is for industrial and other applications.
Ambient temperature range for both products is from -40°C to
+85°C.
It features cell voltage diagnosis with externally adjustable
upper and lower cell voltage limits, fast cell voltage capture on
request through 12-bit SAR ADC, passive cell balancing by
simultaneous comparison of actual cell voltages with a
reference cell voltage and temperature measurement on two
external NTC sensors through 12-bit ADC.
Cells that are above reference will sequentially be discharged
through integrated switches and one external resistor.
There is also an active balancing option through factory setting
to sequentially charge cells which are below reference from an
external DC-DC Flyback converter and an integrated low side
driver.
The device can be used flexibly for battery stacks up to 7 cells
with a minimum stack voltage of 6V and a maximum stack
voltage of 32V.
It can be chained to support battery packs of virtually any
number of cells in synchronized mode through chained clock
and trigger signal.
The status of the battery stack is communicated to outside
world through OR’d voltage_ok signal and balance ready signal.
For further understanding in regards to the contents of the
datasheet, please refer to the Reference Guide located at the end
of the document.
General Description


Similar Part No. - AS8506

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8506C AMSCO-AS8506C Datasheet
996Kb / 94P
Battery Cell Monitor and Balancer IC
More results

Similar Description - AS8506

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X3100 XICOR-X3100 Datasheet
249Kb / 40P
3 or 4 Cell Li-Ion Battery Protection and Monitor IC
logo
Intersil Corporation
X3100 INTERSIL-X3100 Datasheet
605Kb / 40P
3 or 4 Cell Li-Ion Battery Protection and Monitor IC
April 11, 2005
X3102 INTERSIL-X3102 Datasheet
579Kb / 32P
3 Cell Li-Ion Battery Protection and Monitor IC
December 22, 2004
X3100 INTERSIL-X3100_08 Datasheet
562Kb / 41P
3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
logo
ams AG
AS8506C AMSCO-AS8506C Datasheet
996Kb / 94P
Battery Cell Monitor and Balancer IC
logo
Texas Instruments
BQ76PL536A TI1-BQ76PL536A_16 Datasheet
1Mb / 74P
Cell Lithium-Ion Battery Monitor and Secondary Protection IC
logo
Intersil Corporation
X3100-01 INTERSIL-X3100-01 Datasheet
563Kb / 41P
3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
logo
Renesas Technology Corp
X3100 RENESAS-X3100 Datasheet
1Mb / 40P
3 or 4 Cell Li-ion Battery Protection and Monitor IC
logo
uPI Group Inc.
UG3105 UPI-UG3105 Datasheet
393Kb / 25P
1-Cell Battery Monitor Gas Gauge IC
logo
Renesas Technology Corp
X3102 RENESAS-X3102 Datasheet
1Mb / 32P
3 Cell Li-Ion Battery Protection and Monitor IC
December 22, 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com