Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8506 Datasheet(PDF) 79 Page - ams AG

Part # AS8506
Description  Battery Cell Monitor and Balancer IC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8506 Datasheet(HTML) 79 Page - ams AG

Back Button AS8506 Datasheet HTML 75Page - ams AG AS8506 Datasheet HTML 76Page - ams AG AS8506 Datasheet HTML 77Page - ams AG AS8506 Datasheet HTML 78Page - ams AG AS8506 Datasheet HTML 79Page - ams AG AS8506 Datasheet HTML 80Page - ams AG AS8506 Datasheet HTML 81Page - ams AG AS8506 Datasheet HTML 82Page - ams AG AS8506 Datasheet HTML 83Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 89 page
background image
ams Datasheet, Confidential:2013-Sep [1-00]
AS8506 – 79
Appl icatio n I n f o rm a t i o n
Figure 102:
Application Schematic
Caution: In the application it’s recommended to connect the AS8506 devices stacked first and connect the
battery stack from bottom to top in sequence to avoid any possible damage of the system. While removing
the battery pack its strictly recommended to remove the battery pack from the top. Removing the battery
pack from bottom will damage the system.
7
6
5
1
7
6
5
1
100nF
2-5uF
100nF
2-5uF
VSUP1
VSUP1
TU1
TU2
TU2
TU1
TL1
TL2
TL1
TL2
V5V
V5V_U
VSUP1
VSUP2
Micro
Controller
CS
SCLK
SDI
SDO
TRIG
CLK
CVT_NOK
BD
WAKE
TSECH1
TSECL1
TSECH2
TSECL2
VSUP2
V5V_U
Note: If slave has to
drive FD pin then SDI
has to be connected
local ground
NTC
NTC
NTC
NTC
Note: Open drain on
WAKE_IN pin in the µC or
Transistor as shown
above.
VCELL3
VCELL2
SDO
CS
SCLK
SDI
34
33
32
40
39
38
37
36
35
17
18
11
12
13
14
15
16
V5V
VCELL7
VCELL6
VCELL5
VCELL1
C-GND
TSECH
TSECL
VREF_H
TEMP_IN1
CELL_THL
CELL_THU
TEMP_IN2
31
20
REF_T
VCELL4
AS8506
MLF 6x6
GND
(Exposed Pad)
30
29
28
27
26
25
24
23
22
21
1
2
3
4
5
6
7
8
9
10
VCELL3
VCELL2
SDO
CS
SCLK
SDI
34
33
32
40
39
38
37
36
35
17
18
19
11
12
13
14
15
16
V5V
VCELL7
VCELL6
VCELL5
VCELL1
C-GND
TSECH
TSECL
VREF_H
TEMP_IN1
CELL_THL
CELL_THU
TEMP_IN2
31
20
REF_T
VCELL4
AS8506
MLF 6x6
GND
(Exposed Pad)
30
29
28
27
26
25
24
23
22
21
1
2
3
4
5
6
7
8
9
10
100 mA load
100 V device
Supply from Stack
TSECH1
TSECL1
TSECH2
TSECL2
100 mA load
Converter
for active
balancing
19
Optional Factory Setting for Active Balancing
CS
SCLK
SDI
SDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com