Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2772 Datasheet(PDF) 16 Page - ams AG

Part # TMD2772
Description  DIGITAL ALS and PROXIMITY MODULE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD2772 Datasheet(HTML) 16 Page - ams AG

Back Button TMD2772 Datasheet HTML 12Page - ams AG TMD2772 Datasheet HTML 13Page - ams AG TMD2772 Datasheet HTML 14Page - ams AG TMD2772 Datasheet HTML 15Page - ams AG TMD2772 Datasheet HTML 16Page - ams AG TMD2772 Datasheet HTML 17Page - ams AG TMD2772 Datasheet HTML 18Page - ams AG TMD2772 Datasheet HTML 19Page - ams AG TMD2772 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
TMD2772
DIGITAL ALS
and PROXIMITY MODULE
TAOS147
E − DECEMBER 2012
15
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Power Management
Power consumption can be managed with the Wait state, because the Wait state typically consumes only 90
μA
of IDD current. An example of the power management feature is given below. With the assumptions provided
in the example, average IDD is estimated to be 176 μA.
Table 1. Power Management
SYSTEM STATE MACHINE
STATE
PROGRAMMABLE
PARAMETER
PROGRAMMED VALUE
DURATION
TYPICAL
CURRENT
Prox Init
2.73 ms
0.195 mA
Prox Accum
PPULSE
0x04
0.064 ms
Prox Accum − LED On
0.029 ms (Note 1)
103 mA
Prox Accum − LED OFF
0.035 ms (Note 2)
0.195 mA
Prox Wait
2.73 ms
0.195 mA
Prox ADC
PTIME
0xFF
2.73 ms
0.195 mA
Wait
WTIME
0xEE
49 2 ms
0 090 mA
Wait
WLONG
0
49.2 ms
0.090 mA
ALS Init
2.73 ms
0.195 mA
ALS ADC
ATIME
0xEE
49.2 ms
0195 mA
NOTES: 1. Prox Accum − LED On time = 7.3
μs per pulse
× 4 pulses = 29.3μs = 0.029 ms
2. Prox Accum − LED Off time = 8.7
μs per pulse
× 4 pulses = 34.7μs = 0.035 ms
Average IDD Current = ((0.029
× 103) + (0.035 x 0.195) + (2.73 × 0.195) +
(49.2
× 0.090) + (49.2 × 0.195) + (2.73 × 0.195 × 3)) / 109  176 μA
Keeping with the same programmed values as the example, Table 2 shows how the average IDD current is
affected by the Wait state time, which is determined by WEN, WTIME, and WLONG. Note that the worst-case
current occurs when the Wait state is not enabled.
Table 2. Average IDD Current
WEN
WTIME
WLONG
WAIT STATE
AVERAGE IDD CURRENT
0
n/a
n/a
0 ms
245
μA
1
0xFF
0
2.73 ms
238
μA
1
0xEE
0
49.2 ms
175
μA
1
0x00
0
699 ms
102
μA
1
0x00
1
8389 ms
91
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com