Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2772 Datasheet(PDF) 24 Page - ams AG

Part # TMD2772
Description  DIGITAL ALS and PROXIMITY MODULE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD2772 Datasheet(HTML) 24 Page - ams AG

Back Button TMD2772 Datasheet HTML 20Page - ams AG TMD2772 Datasheet HTML 21Page - ams AG TMD2772 Datasheet HTML 22Page - ams AG TMD2772 Datasheet HTML 23Page - ams AG TMD2772 Datasheet HTML 24Page - ams AG TMD2772 Datasheet HTML 25Page - ams AG TMD2772 Datasheet HTML 26Page - ams AG TMD2772 Datasheet HTML 27Page - ams AG TMD2772 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
TMD2772
DIGITAL ALS
and PROXIMITY MODULE
TAOS147
E − DECEMBER 2012
23
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Configuration Register (0x0D)
The configuration register sets the proximity LED drive level, wait long time, and ALS gain level.
Table 12.
Configuration Register
6
75
4
2
31
0
CONFIG
Reserved
WLONG
Reset
0x00
PDL
AGL
FIELD
BITS
DESCRIPTION
Reserved
7:3
Reserved. Write as 0.
AGL
2
ALS gain level. When asserted, the 1
× and 8× ALS gain (AGAIN) modes are scaled by 0.16. Otherwise,
AGAIN is scaled by 1. Do not use with AGAIN greater than 8
×.
WLONG
1
Wait Long. When asserted, the wait cycles are increased by a factor 12
× from that programmed in the
WTIME register.
PDL
0
Proximity drive level. When asserted, the proximity LDR drive current is reduced by 9.
Proximity Pulse Count Register (0x0E)
The proximity pulse count register sets the number of proximity pulses that the LDR pin will generate during the
Prox Accum state. The pulses are generated at a 62.5-kHz rate.
Table 13.
Proximity Pulse Count Register
6
75
4
2
31
0
PPULSE
PPULSE
Reset
0x00
FIELD
BITS
DESCRIPTION
PPULSE
7:0
Proximity Pulse Count. Specifies the number of proximity pulses to be generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com