Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2772 Datasheet(PDF) 3 Page - ams AG

Part # TMD2772
Description  DIGITAL ALS and PROXIMITY MODULE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD2772 Datasheet(HTML) 3 Page - ams AG

  TMD2772 Datasheet HTML 1Page - ams AG TMD2772 Datasheet HTML 2Page - ams AG TMD2772 Datasheet HTML 3Page - ams AG TMD2772 Datasheet HTML 4Page - ams AG TMD2772 Datasheet HTML 5Page - ams AG TMD2772 Datasheet HTML 6Page - ams AG TMD2772 Datasheet HTML 7Page - ams AG TMD2772 Datasheet HTML 8Page - ams AG TMD2772 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
TMD2772
DIGITAL ALS
and PROXIMITY MODULE
TAOS147
E − DECEMBER 2012
2
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Functional Block Diagram
SDA
VDD
INT
SCL
LDR
CH1
ADC
ALS Control
CH1
Data
Wait Control
Prox
ADC
Prox Control
Prox
Data
IR LED Constant
Current Sink
CH0
ADC
CH0
Data
Prox
Integration
Upper Limit
Upper Limit
Lower Limit
Lower Limit
Interrupt
GND
LEDA
LEDK
Channel 1
Channel 0
Detailed Description
The light-to-digital device provides on-chip photodiodes, integrating amplifiers, ADCs, accumulators, clocks,
buffers, comparators, a state machine, and an I2C interface. Each device combines one photodiode (CH0),
which is responsive to both visible and infrared light, and a second photodiode (CH1), which is responsive
primarily to infrared light. Two integrating ADCs simultaneously convert the amplified photodiode currents to
a digital value providing up to 16-bits of resolution. Upon completion of the conversion cycle, the conversion
result is transferred to the Ch0 and Ch1 data registers. This digital output can be read by a microprocessor
where the luminance (ambient light level in lux) is derived using an empirical formula to approximate the human
eye response.
A fully integrated proximity detection solution is provided with an 850-nm IR LED, LED driver circuit, and
proximity detection engine. An internal LED driver pin (LDR) is externally connected to the LED cathode (LEDK)
to provide a controlled LED sink current. This is accomplished with a proprietary current calibration technique
that accounts for all variances in silicon, optics, package, and most important, IR LED output power. This
eliminates or greatly reduces the need for factory calibration that is required for most discrete proximity sensor
solutions. The device is factory calibrated to achieve a proximity count reading at a specified distance with a
specific number of pulses. In use, the number of proximity LED pulses can be programmed from 1 to 255 pulses,
which allows different proximity distances to be achieved. Each pulse has a 16
μs period with a 7.2 μs on time.
Communication with the device is accomplished through a fast (up to 400 kHz), two-wire I2C serial bus for easy
connection to a microcontroller or embedded controller. The digital output of the device is inherently more
immune to noise when compared to an analog photodiode interface.
The device provides a separate pin for level-style interrupts. When interrupts are enabled and a pre-set value
is exceeded, the interrupt pin is asserted and remains asserted until cleared by the controlling firmware. The
interrupt feature simplifies and improves system efficiency by eliminating the need to poll a sensor for a light
intensity or proximity value. An interrupt is generated when the value of an ALS or proximity conversion exceeds
either an upper or lower threshold. In addition, a programmable interrupt persistence feature allows the user
to determine how many consecutive exceeded thresholds are necessary to trigger an interrupt. Interrupt
thresholds and persistence settings are configured independently for both ALS and proximity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com