Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2772 Datasheet(PDF) 26 Page - ams AG

Part # TMD2772
Description  DIGITAL ALS and PROXIMITY MODULE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD2772 Datasheet(HTML) 26 Page - ams AG

Back Button TMD2772 Datasheet HTML 22Page - ams AG TMD2772 Datasheet HTML 23Page - ams AG TMD2772 Datasheet HTML 24Page - ams AG TMD2772 Datasheet HTML 25Page - ams AG TMD2772 Datasheet HTML 26Page - ams AG TMD2772 Datasheet HTML 27Page - ams AG TMD2772 Datasheet HTML 28Page - ams AG TMD2772 Datasheet HTML 29Page - ams AG TMD2772 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
TMD2772
DIGITAL ALS
and PROXIMITY MODULE
TAOS147
E − DECEMBER 2012
25
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Revision Register (0x11)
The Revision register shows the silicon revision number. It is a read-only register and shows the revision level
of the silicon used internally.
Table 15.
Revision Register
6
75
4
DIE_REV
2
31
0
REVISION
Reserved
Reset
Rev Num
FIELD
BITS
DESCRIPTION
Reserved
7:4
Reserved
Bits read as 0
DIE_REV
3:0
Die revision number
Die revision number
ID Register (0x12)
The ID Register provides the value for the part number. The ID register is a read-only register.
Table 16. ID Register
6
75
4
2
31
0
ID
ID
Reset
ID
FIELD
BITS
DESCRIPTION
ID
7:0
Part number identification
0x30 = TMD27721
ID
7:0
Part number identification
0x39 = TMD27723
Status Register (0x13)
The Status Register provides the internal status of the device. This register is read only.
Table 17. Status Register
6
75
4
AVALID
2
31
0
STATUS
Reserved
Resv
AINT
Reset
0x00
Reserved
PINT
PVALID
PSAT
FIELD
BIT
DESCRIPTION
Reserved
7
Reserved. Bit reads as 0.
PSAT
6
Proximity Saturation. Indicates that the proximity measurement saturated.
PINT
5
Proximity Interrupt. Indicates that the device is asserting a proximity interrupt.
AINT
4
ALS Interrupt. Indicates that the device is asserting an ALS interrupt.
Reserved
3:2
Reserved. Bits read as 0.
PVALID
1
Proximity Valid. Indicates that the proximity channel has completed an integration cycle after PEN has been
asserted.
AVALID
0
ALS Valid. Indicates that the ALS channels have completed an integration cycle after AEN has been
asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com