Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2772 Datasheet(PDF) 27 Page - ams AG

Part # TMD2772
Description  DIGITAL ALS and PROXIMITY MODULE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD2772 Datasheet(HTML) 27 Page - ams AG

Back Button TMD2772 Datasheet HTML 23Page - ams AG TMD2772 Datasheet HTML 24Page - ams AG TMD2772 Datasheet HTML 25Page - ams AG TMD2772 Datasheet HTML 26Page - ams AG TMD2772 Datasheet HTML 27Page - ams AG TMD2772 Datasheet HTML 28Page - ams AG TMD2772 Datasheet HTML 29Page - ams AG TMD2772 Datasheet HTML 30Page - ams AG TMD2772 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
TMD2772
DIGITAL ALS
and PROXIMITY MODULE
TAOS147
E − DECEMBER 2012
26
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
ADC Channel Data Registers (0x14 − 0x17)
ALS data is stored as two 16-bit values. To ensure the data is read correctly, a two-byte read I2C transaction
should be used with auto increment protocol bits set in the command register. With this operation, when the
lower byte register is read, the upper eight bits are stored in a shadow register, which is read by a subsequent
read to the upper byte. The upper register will read the correct value even if additional ADC integration cycles
end between the reading of the lower and upper registers.
Table 18. ADC Channel Data Registers
REGISTER
ADDRESS
BITS
DESCRIPTION
C0DATA
0x14
7:0
ALS CH0 data low byte
C0DATAH
0x15
7:0
ALS CH0 data high byte
C1DATA
0x16
7:0
ALS CH1 data low byte
C1DATAH
0x17
7:0
ALS CH1 data high byte
Proximity Data Registers (0x18 − 0x19)
Proximity data is stored as a 16-bit value. To ensure the data is read correctly, a two-byte read I2C transaction
should be utilized with auto increment protocol bits set in the command register. With this operation, when the
lower byte register is read, the upper eight bits are stored into a shadow register, which is read by a subsequent
read to the upper byte. The upper register will read the correct value even if the next ADC cycle ends between
the reading of the lower and upper registers.
Table 19.
Proximity Data Registers
REGISTER
ADDRESS
BITS
DESCRIPTION
PDATAL
0x18
7:0
Proximity data low byte
PDATAH
0x19
7:0
Proximity data high byte
Proximity Offset Register (0x1E)
The 8-bit proximity offset register provides compensation for proximity offsets caused by device variations,
optical crosstalk, and other environmental factors. Proximity offset is a sign-magnitude value where the sign
bit, bit 7, determines if the offset is negative (bit 7 = 0) or positive (bit 7 = 1). At power up, the register is set to
0x00. The magnitude of the offset compensation depends on the proximity gain (PGAIN), proximity LED drive
strength (PDRIVE), and the number of proximity pulses (PPULSE). Because a number of environmental factors
contribute to proximity offset, this register is best suited for use in an adaptive closed-loop control system. See
available TAOS application notes for proximity offset register application information.
Table 20.
Proximity Offset Register
6
75
4
2
31
0
POFFSET
Reset
0x00
MAGNITUDE
SIGN
FIELD
BIT
DESCRIPTION
SIGN
7
Proximity Offset Sign. The offset sign shifts the proximity data negative when equal to 0 and positive when
equal to 1.
MAGNITUDE
6:0
Proximity Offset Magnitude. The offset magnitude shifts the proximity data positive or negative, depending
on the proximity offset sign. The actual amount of the shift depends on the proximity gain (PGAIN), proximity
LED drive strength (PDRIVE), and the number of proximity pulses (PPULSE).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com