Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2772 Datasheet(PDF) 5 Page - ams AG

Part # TMD2772
Description  DIGITAL ALS and PROXIMITY MODULE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD2772 Datasheet(HTML) 5 Page - ams AG

  TMD2772 Datasheet HTML 1Page - ams AG TMD2772 Datasheet HTML 2Page - ams AG TMD2772 Datasheet HTML 3Page - ams AG TMD2772 Datasheet HTML 4Page - ams AG TMD2772 Datasheet HTML 5Page - ams AG TMD2772 Datasheet HTML 6Page - ams AG TMD2772 Datasheet HTML 7Page - ams AG TMD2772 Datasheet HTML 8Page - ams AG TMD2772 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
4
Copyright 2012, TAOS Inc.
The LUMENOLOGY Company
www.taosinc.com
Operating Characteristics, VDD = 3 V, TA = 25 C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
Active — LDR pulse off
195
250
IDD
Supply current
Wait state
90
μ
A
IDD
Supply current
Sleep state — no I2C activity
2.2
4
μ
A
V
INT SDA output low voltage
3 mA sink current
0
0.4
V
VOL
INT, SDA output low voltage
6 mA sink current
0
0.6
V
ILEAK Leakage current, SDA, SCL, INT pins
−5
5
μ
A
ILEAK Leakage current, LDR pin
−5
5
μ
A
V
SCL SDA input high voltage
TMD27721
0.7 VDD
V
VIH
SCL, SDA input high voltage
TMD27723
1.25
V
V
SCL SDA input low voltage
TMD27721
0.3 VDD
V
VIL
SCL, SDA input low voltage
TMD27723
0.54
V
ALS Characteristics, VDD = 3 V, TA = 25 C, AGAIN = 16 , AEN = 1 (unless otherwise noted)
(Notes 1 ,2, 3)
PARAMETER
TEST CONDITIONS
CHANNEL
MIN
TYP
MAX UNIT
Dark ADC count value
Ee = 0, AGAIN = 120×,
CH0
0
1
5
counts
Dark ADC count value
Ee = 0, AGAIN = 120×,
ATIME = 0xDB (100 ms)
CH1
0
1
5 counts
ADC integration time step size
ATIME = 0xFF
2.58
2.73
2.9
ms
ADC number of integration steps
1
256 steps
ADC counts per step
ATIME = 0xFF
0
1024 counts
ADC count value
ATIME = 0xC0
0
65535 counts
λp = 625 nm, Ee = 46.8 μW/cm2,
CH0
4000
5000
6000
ADC count value
λp = 625 nm, Ee = 46.8 μW/cm ,
ATIME = 0xF6 (27 ms) (Note 2)
CH1
950
counts
ADC count value
λp = 850 nm, Ee = 61.7 μW/cm2,
CH0
4000
5000
6000 counts
λp = 850 nm, Ee = 61.7 μW/cm ,
ATIME = 0xF6 (27 ms) (Note 3)
CH1
2900
ADC count value ratio: CH1/CH0
λp = 625 nm, ATIME = 0xF6 (27 ms) (Note 2)
0.152
0.19
0.228
ADC count value ratio: CH1/CH0
λp = 850 nm, ATIME = 0xF6 (27 ms) (Note 3)
0.43
0.58
0.73
λp = 625 nm, ATIME = 0xF6 (27 ms)
CH0
107.2
R
Irradiance responsivity
λp = 625 nm, ATIME = 0xF6 (27 ms)
(Note 2)
CH1
20.4
counts/
(μW/
Re
Irradiance responsivity
λp = 850 nm, ATIME = 0xF6 (27 ms)
CH0
81.5
(μW/
cm2)
λp = 850 nm, ATIME = 0xF6 (27 ms)
(Note 3)
CH1
47.3
cm2)
AGAIN = 1× and AGL = 1
0.16
Gain scaling, relative to 1× gain
AGAIN = 8× and AGL = 0
7.2
8.0
8.8
×
Gain scaling, relative to 1× gain
setting
AGAIN 16× and AGL 0
14 4
16 0
17 6
×
setting
AGAIN = 16× and AGL = 0
14.4
16.0
17.6
×
AGAIN = 120× and AGL = 0
108
120
132
NOTES: 1. Optical measurements are made using small-angle incident radiation from light-emitting diode optical sources. Red 625 nm and
infrared 850 nm LEDs are used for final product testing for compatibility with high-volume production.
2. The 625 nm irradiance Ee is supplied by an AlInGaP light-emitting diode with the following typical characteristics: peak wavelength
λ
p = 625 nm and spectral halfwidth Δλ½ = 20 nm.
3. The 850 nm irradiance Ee is supplied by a GaAs light-emitting diode with the following typical characteristics: peak wavelength
λ
p = 850 nm and spectral halfwidth Δλ½ = 42 nm.
TMD2772
DIGITAL ALS
and PROXIMITY MODULE
TAOS147E − DECEMBER 2012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com