Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD080SL5 Datasheet(PDF) 19 Page - AZ Displays

Part # PD080SL5
Description  color TFT LCD module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD080SL5 Datasheet(HTML) 19 Page - AZ Displays

Back Button PD080SL5 Datasheet HTML 15Page - AZ Displays PD080SL5 Datasheet HTML 16Page - AZ Displays PD080SL5 Datasheet HTML 17Page - AZ Displays PD080SL5 Datasheet HTML 18Page - AZ Displays PD080SL5 Datasheet HTML 19Page - AZ Displays PD080SL5 Datasheet HTML 20Page - AZ Displays PD080SL5 Datasheet HTML 21Page - AZ Displays PD080SL5 Datasheet HTML 22Page - AZ Displays PD080SL5 Datasheet HTML 23Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
E Ink Holdings Inc.
PD080SL5
The information contained herein is the exclusive property of E Ink Holdings Inc. and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of E Ink Holdings Inc.
PAGE:19
VSYNC
R,G,B valid data
Vpw
Vp
Vbp
Vfp
Vdp
CLK
t 6
t 7
t 5
VIH(Min):0.8Vcc
VIL(Max):0.2Vcc
HYSNC
VSYNC
DENB
R7-R0
G7-G0
B7-B0
VALID
DATA
Input Signal
CenterLevel:
0.5Vcc
VIH(Min):0.8Vcc
VIL(Max):0.2Vcc
CLK
a
b
0.5Vcc
Duty ( a ,b ) : 50 +10%
t 8
t 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com