Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD080SL5 Datasheet(PDF) 24 Page - AZ Displays

Part # PD080SL5
Description  color TFT LCD module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD080SL5 Datasheet(HTML) 24 Page - AZ Displays

Back Button PD080SL5 Datasheet HTML 17Page - AZ Displays PD080SL5 Datasheet HTML 18Page - AZ Displays PD080SL5 Datasheet HTML 19Page - AZ Displays PD080SL5 Datasheet HTML 20Page - AZ Displays PD080SL5 Datasheet HTML 21Page - AZ Displays PD080SL5 Datasheet HTML 22Page - AZ Displays PD080SL5 Datasheet HTML 23Page - AZ Displays PD080SL5 Datasheet HTML 24Page - AZ Displays PD080SL5 Datasheet HTML 25Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
E Ink Holdings Inc.
PD080SL5
The information contained herein is the exclusive property of E Ink Holdings Inc. and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of E Ink Holdings Inc.
PAGE:24
15. Reliability Test
No
Test
Item
Test
Condition
1
High Temperature Storage Test
Ta = +80℃, 240 hrs
2
Low Temperature Storage Test
Ta = -25℃, 240 hrs
3
High Temperature Operation Test
Ta =+80℃, 240 hrs
4
Low Temperature Operation Test
Ta = -25℃, 240 hrs
5
High Temperature & High Humidity
Operation Test
Ta = +60℃, 90%RH, 240 hrs
(No Condensation)
6
Thermal Cycling Test
(non-operating)
-20℃
+80℃, 100 Cycles
30 min
30 min
7
Vibration Test
(non-operating)
Frequency:10 ~ 57 HZ ,
Amplitude:0.15 mm 58~500Hz, 1G
Sweep time:11 min ; Test Period:3 hrs
(1 hr for each direction of X, Y, Z)
8
Shock Test
(non-operating)
80G, 6ms, X,Y, Z
1 times for each direction
9
Electron Static Discharge
C=150pF,R=330Ω
Contact=±8KV,Air=±15KV
10 times/terminal
Ta: ambient temperature
Note: The protective film must be removed before temperature test
[Criteria]
In the standard conditions, there is not display function NG issue occurred. (Including: line defect, no
image). All the cosmetic specification is judged before the reliability stress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com