Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD080SL5 Datasheet(PDF) 4 Page - AZ Displays

Part # PD080SL5
Description  color TFT LCD module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD080SL5 Datasheet(HTML) 4 Page - AZ Displays

  PD080SL5 Datasheet HTML 1Page - AZ Displays PD080SL5 Datasheet HTML 2Page - AZ Displays PD080SL5 Datasheet HTML 3Page - AZ Displays PD080SL5 Datasheet HTML 4Page - AZ Displays PD080SL5 Datasheet HTML 5Page - AZ Displays PD080SL5 Datasheet HTML 6Page - AZ Displays PD080SL5 Datasheet HTML 7Page - AZ Displays PD080SL5 Datasheet HTML 8Page - AZ Displays PD080SL5 Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
E Ink Holdings Inc.
PD080SL5
The information contained herein is the exclusive property of E Ink Holdings Inc. and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of E Ink Holdings Inc.
PAGE:4
1.Application
This data sheet applies to a color TFT LCD module. The module applies to notebook PC, sub-note-book
PC and other OA product, which require high quality flat panel display.
Prime View assumes no responsibility for any damage resulting from the use of the device which dose not
complies with the instructions and the precautions in these specification sheets.
2. Features
. Amorphous silicon TFT LCD panel with LED backlight unit
. Pixel in stripe configuration
. Slim and compact, designed for O/A application
. Display Colors:262,144 colors or 16,777,216 colors
. High Brightness project
. LVDS transmission interface
3.Mechanical Specifications
Parameter
Specifications
Unit
Screen Size
8 (diagonal)
inch
Display Format
800×(RGB)×600
dot
Display Colors
262,144
Active Area
162(H)×121.5 (V)
mm
Pixel Pitch
0.2025 (H)×0.2025 (V)
mm
Pixel Configuration
Stripe
Outline Dimension
200(W)×152(H)×17.47(D) (typ.)
mm
Weight
TBD
g
Back-light
Middle power LED 18pcs
Surface treatment
Anti-Glare
Display mode
Normally white
Gray scale inversion direction
6
( Note 13-1 )
o’clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com