Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD080SL5 Datasheet(PDF) 20 Page - AZ Displays

Part # PD080SL5
Description  color TFT LCD module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD080SL5 Datasheet(HTML) 20 Page - AZ Displays

Back Button PD080SL5 Datasheet HTML 16Page - AZ Displays PD080SL5 Datasheet HTML 17Page - AZ Displays PD080SL5 Datasheet HTML 18Page - AZ Displays PD080SL5 Datasheet HTML 19Page - AZ Displays PD080SL5 Datasheet HTML 20Page - AZ Displays PD080SL5 Datasheet HTML 21Page - AZ Displays PD080SL5 Datasheet HTML 22Page - AZ Displays PD080SL5 Datasheet HTML 23Page - AZ Displays PD080SL5 Datasheet HTML 24Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
E Ink Holdings Inc.
PD080SL5
The information contained herein is the exclusive property of E Ink Holdings Inc. and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of E Ink Holdings Inc.
PAGE:20
12. Power On Sequence
1. The supply voltage for input signals should be same as VDD.
2. When the power is off , please keep whole signals (Hsync, Vsync, DENB, CLK, Data) low level or high
impedance.
13. Optical Characteristics
13-1) Specification:
Ta = 25℃
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Remarks
Horizontal
θ
(65)
(70)
-
deg
θ(to 12 o’clock)
(50)
(55)
-
deg
Viewing
Angle
Vertical
θ(to 6 o’clock)
CR
≥10
(55)
(60)
-
deg
Note 13-1
Contrast Ratio
CR
Optimum
direction
(600)
(700)
-
-
Note 13-2
Rise
Tr
-
(15)
(30)
ms
Response
time
Fall
Tf
θ=0°
φ=0°
-
(25)
(50)
ms
Note 13-4
Luminance
L
θ=0
°/φ=0°
1000
1200
-
cd/㎡
Note 13-3
Uniformity
U
-
(75)
(80)
-
%
Note 13-6
x
θ=0
°/φ=0°
TBD
TBD
TBD
-
White Chromaticity
y
θ=0
°/φ=0°
TBD
TBD
TBD
-
Note 13-3
LED Life Time
-
25℃
-
50000
-
hrs
Note 13-5
Cross Talk Ratio
CTK
-
-
-
3.5
%
Note 13-7
3 .0 V
3.0 V
0 s< t < 35 m s
0 s< t < 3 5 m s
2t1
0<t1
S ignal
B acklight
V DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com