Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD080SL5 Datasheet(PDF) 11 Page - AZ Displays

Part # PD080SL5
Description  color TFT LCD module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD080SL5 Datasheet(HTML) 11 Page - AZ Displays

Back Button PD080SL5 Datasheet HTML 7Page - AZ Displays PD080SL5 Datasheet HTML 8Page - AZ Displays PD080SL5 Datasheet HTML 9Page - AZ Displays PD080SL5 Datasheet HTML 10Page - AZ Displays PD080SL5 Datasheet HTML 11Page - AZ Displays PD080SL5 Datasheet HTML 12Page - AZ Displays PD080SL5 Datasheet HTML 13Page - AZ Displays PD080SL5 Datasheet HTML 14Page - AZ Displays PD080SL5 Datasheet HTML 15Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
E Ink Holdings Inc.
PD080SL5
The information contained herein is the exclusive property of E Ink Holdings Inc. and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of E Ink Holdings Inc.
PAGE:11
7-2) Recommended driving condition for LED backlight:
Ta = 25℃
Parameter
Symbol
Min
TYP
MAX
Unit
Remark
Supply voltage of LED backlight
VLED1~6
-
-
(11.4)
V
Note 7-3
Supply current of LED backlight
ILED1~6
-
(100)
-
mA
Note 7-4
Backlight Power Consumption
PLED
-
-
(6.84)
W
Note 7-3 /Note 7-5
Note 7-3 : ILED = 100mA,Constant Current.
Note 7-4: The LED driving condition is defined for each LED module. (3 LED Serial)
Input current = 100mA * 6 = 600mA
Note 7-5: PLED = VLED1 * ILED1 + VLED2 * ILED2…. + VLED5 * ILED5+VLED6 * ILED6
7-3) Backlight driving
Connector type: JST BHSR-02VS-1, PIN No 2 pin
Pin No
Symbol
Description
Remark
1
+
Input terminal (Anode)
Wire color : Red
2
-
Input terminal (Cathode)
Wire Color : Black
8. Pixel Arrangement
The LCD module pixel arrangement is the stripe.
R G B R G B R G B
R G B
R G B R G B
R G B
R G B R G B R G B
R G B
R G B R G B
R G B
3 rd Line
2 nd Line
1 st Line
600 th Line
599 th Line
598 th Line
R G B
R G B
R G B
R G B
1 st Pixel
800 th Pixel
1 Pixel =
R G B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com