Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD080SL5 Datasheet(PDF) 10 Page - AZ Displays

Part # PD080SL5
Description  color TFT LCD module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD080SL5 Datasheet(HTML) 10 Page - AZ Displays

Back Button PD080SL5 Datasheet HTML 6Page - AZ Displays PD080SL5 Datasheet HTML 7Page - AZ Displays PD080SL5 Datasheet HTML 8Page - AZ Displays PD080SL5 Datasheet HTML 9Page - AZ Displays PD080SL5 Datasheet HTML 10Page - AZ Displays PD080SL5 Datasheet HTML 11Page - AZ Displays PD080SL5 Datasheet HTML 12Page - AZ Displays PD080SL5 Datasheet HTML 13Page - AZ Displays PD080SL5 Datasheet HTML 14Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
E Ink Holdings Inc.
PD080SL5
The information contained herein is the exclusive property of E Ink Holdings Inc. and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of E Ink Holdings Inc.
PAGE:10
DENB input signal.
If customer wanted to off the DENB mode , you must keep the DENB always High or Low.
(tc: the period of sampling clock)
6. Absolute Maximum Ratings:
GND=0V, Ta=25℃
Parameters
Symbol
MIN.
MAX.
Unit
Remark
Supply Voltage
VDD
-0.3
+4.0
V
Input Signals Voltage
VIN
-0.3
VDD+0.3
V
Note 6-1
Note 6-1: LVDS signal.
7. Electrical Characteristics
7-1) Recommended Operating Conditions:
GND = 0V,Ta = 25℃
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
Supply Voltage
VDD
3.0
3.3
3.6
V
Current Dissipation
IDD
-
153
-
mA
Note 7-1
Total power consumption
PDD
0.46
0.51
0.56
W
LVDS Differential input high threshold
VTH
-
-
100
mV
LVDS Differential input low threshold
VTL
-100
-
-
-
Note 7-2
High
VIH
0.7VDD
-
VDD
V
Input voltage for DPS & FPC
signal
Low
VIL
0
-
0.2VDD
V
Note 7-1 : To test the current dissipation of VDD, using the “color bars” testing pattern shown as below.
1
2
3
4
5
6
7
8
1.
White
2.
Yellow
3.
Cyan
4.
Green
5.
Magenta
6.
Red
7.
Blue
8.
Black
IDD current dissipation testing pattern
Note7-2 : Please refers to THC63LVDM83A specification by Thin Corporation. This LCD module conforms to
LVDS standard.
800 tc
DENB
640 tc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com