Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBDP64 Datasheet(PDF) 2 Page - ABCircuits

Part # KBDP64
Description  Parallel output keyboard encoder for up to 64 keys
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCIRCUITS [ABCircuits]
Direct Link  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

KBDP64 Datasheet(HTML) 2 Page - ABCircuits

  KBDP64 Datasheet HTML 1Page - ABCircuits KBDP64 Datasheet HTML 2Page - ABCircuits KBDP64 Datasheet HTML 3Page - ABCircuits KBDP64 Datasheet HTML 4Page - ABCircuits KBDP64 Datasheet HTML 5Page - ABCircuits KBDP64 Datasheet HTML 6Page - ABCircuits KBDP64 Datasheet HTML 7Page - ABCircuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number KBDP64
February 2013 Page 2 of 7
Example Circuit
DATA OUT E
KBDP64
15
9
16
17
18
19
5
6
7
8
10
11
13
14
22
12
20
23
28
21
24
4
25
3
26
2
27
1
COLX1
NC
COLX3
COLX5
COLX7
NC
ROWY8
ROWY6
ROWY4
ROWY2
COLX8
COLX6
COLX2
VSS
ROWY5
COLX4
ROWY1
ROWY7
VDD
ROWY3
DOUTA
DOUTB
DOUTC
DOUTD
DOUTE
DOUTF
NC
DATAAVAIL
DATA OUT F
DATA OUT A
DATA OUT B
00
01 02
08
09
0A
10
11
12
18
19
1A
03
04
05
06
07
0B
0C
0D 0E
0F
13
14
15
16
17
1B
1C
1D 1E
1F
20
21
22
23
24
25
26
27
28
29
2A
2B
2C
2D 2E
2F
30
31
32
33
34
35
36
37
38
39
3A
3B
3C
3D 3E
3F
KEYPAD
C1
C2
C3
C4
C5
C6
C7
C8
DATA OUT C
DATA AVILABLE
DATA OUT D
VCC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com