Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBDP64 Datasheet(PDF) 5 Page - ABCircuits

Part # KBDP64
Description  Parallel output keyboard encoder for up to 64 keys
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCIRCUITS [ABCircuits]
Direct Link  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

KBDP64 Datasheet(HTML) 5 Page - ABCircuits

  KBDP64 Datasheet HTML 1Page - ABCircuits KBDP64 Datasheet HTML 2Page - ABCircuits KBDP64 Datasheet HTML 3Page - ABCircuits KBDP64 Datasheet HTML 4Page - ABCircuits KBDP64 Datasheet HTML 5Page - ABCircuits KBDP64 Datasheet HTML 6Page - ABCircuits KBDP64 Datasheet HTML 7Page - ABCircuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number KBDP64
February 2013 Page 5 of 7
COLX5
X
25
COLX5
X
26
COLX5
X
27
COLX6
X
28
COLX6
X
29
COLX6
X
2A
COLX6
X
2B
COLX6
X
2C
COLX6
X
2D
COLX6
X
2E
COLX6
X
2F
COLX7
X
30
COLX7
X
31
COLX7
X
32
COLX7
X
33
COLX7
X
34
COLX7
X
35
COLX7
X
36
COLX7
X
37
COLX8
X
38
COLX8
X
39
COLX8
X
3A
COLX8
X
3B
COLX8
X
3C
COLX8
X
3D
COLX8
X
3E
COLX8
X
3F
Absolute Maximum Ratings
Symbol
Description
Min
Typical
Max
Units
Notes
Tstg
Storage Temperature
-55
25
+100
ºC
Ta
Operating Temperature
-40
+85
ºC
Vdd
Vdd - Vss Voltage
-0.5
+6.0
V
Vio
Input Voltage
Vss - 0.5
Vdd +0.5
V
Imio
Maximum current into any pin
-25
+50
mA
ESD
Electrostatic Discharge Voltage
2000
V
Human Body Model
ESD
LU
Latch up current
200
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com