Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBDP64 Datasheet(PDF) 3 Page - ABCircuits

Part # KBDP64
Description  Parallel output keyboard encoder for up to 64 keys
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCIRCUITS [ABCircuits]
Direct Link  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

KBDP64 Datasheet(HTML) 3 Page - ABCircuits

  KBDP64 Datasheet HTML 1Page - ABCircuits KBDP64 Datasheet HTML 2Page - ABCircuits KBDP64 Datasheet HTML 3Page - ABCircuits KBDP64 Datasheet HTML 4Page - ABCircuits KBDP64 Datasheet HTML 5Page - ABCircuits KBDP64 Datasheet HTML 6Page - ABCircuits KBDP64 Datasheet HTML 7Page - ABCircuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number KBDP64
February 2013 Page 3 of 7
Connection Diagram
KBDP64
15
9
16
17
18
19
5
6
7
8
10
11
13
14
22
12
20
23
28
21
24
4
25
3
26
2
27
1
COLX1
NC
COLX3
COLX5
COLX7
NC
ROWY8
ROWY6
ROWY4
ROWY2
COLX8
COLX6
COLX2
VSS
ROWY5
COLX4
ROWY1
ROWY7
VDD
ROWY3
DOUTA
DOUTB
DOUTC
DOUTD
DOUTE
DOUTF
NC
DATAAVAIL
Pin Description
Pin #
Description
Pin #
Description
1
Data Avail
28
VDD
2
DOut F (MSB)
27
NC
3
DOut D
26
DOut E
4
DOut B
25
DOut C
5
Row Y8
24
DOut A (LSB)
6
Row Y6
23
Row Y7
7
Row Y4
22
Row Y5
8
Row Y2
21
Row Y3
9
NC
20
Row Y1
10
Col X8
19
NC
11
Col X6
18
Col X7
12
Col X4
17
Col X5
13
Col X2
16
Col X3
14
VSS
15
Col X1
Col X1 – Col X8
These pins are open drain column driver outputs to the key matrix.
Row Y1 – Row Y8
These pins are the row inputs from the key matrix. These inputs have 5.6K (nominal) pull up
resistors on chip.
DOUTA - DOUTF
These are the parallel data outputs. DOut A is the least significant bit. These bits form a binary
code for the pressed key. These outputs keep their state even after the key is released.
Data Avail
This pin goes high when a key is pressed, and low when the key is released. In the case of a 2
key rollover, the pin goes low before the DOut bits change, then goes high again.
VSS
Connect to system ground.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com