Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBDP64 Datasheet(PDF) 6 Page - ABCircuits

Part # KBDP64
Description  Parallel output keyboard encoder for up to 64 keys
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCIRCUITS [ABCircuits]
Direct Link  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

KBDP64 Datasheet(HTML) 6 Page - ABCircuits

  KBDP64 Datasheet HTML 1Page - ABCircuits KBDP64 Datasheet HTML 2Page - ABCircuits KBDP64 Datasheet HTML 3Page - ABCircuits KBDP64 Datasheet HTML 4Page - ABCircuits KBDP64 Datasheet HTML 5Page - ABCircuits KBDP64 Datasheet HTML 6Page - ABCircuits KBDP64 Datasheet HTML 7Page - ABCircuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number KBDP64
February 2013 Page 6 of 7
DC Electrical Characteristics
Symbol
Description
Min
Typical
Max
Units
Notes
Vdd
Supply Voltage
2.4
5.25
V
Idd
Supply Current
2
8
mA
Vdd = 5V
Voh
High Output Level
Vdd - 1.0
V
Ioh=10 mA
Vol
Low Output Voltage
0.75
V
Iol=25 mA
Vih
Input High Level
2.1
V
Vil
Input Low Level
0.8
V
Ioh
High Level Source Current
10
mA
Iol
Low Level Sink Current
25
mA
Cio
Capacitive load
3.5
10
pF
Iil
Input leakage
1
nA
Rpu
Pull Up Resistors On Row Inputs
4
5.6
8
k?
Theory Of Operation
The KBDP64 IC is a custom programmed microprocessor designed to encode keyboards and
provide a parallel output. The open drain COL X pins are pulsed low one at a time, and the ROW
Y pins are sampled to check for key switch closures. If a key is detected, scanning stops until the
key is released. The pressed key is encoded and placed on the DOut pins, and the Data Avail
strobe is set high. When the key is released the Data Avail strobe is set low and scanning
continues.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com