Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBDP64 Datasheet(PDF) 4 Page - ABCircuits

Part # KBDP64
Description  Parallel output keyboard encoder for up to 64 keys
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCIRCUITS [ABCircuits]
Direct Link  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

KBDP64 Datasheet(HTML) 4 Page - ABCircuits

  KBDP64 Datasheet HTML 1Page - ABCircuits KBDP64 Datasheet HTML 2Page - ABCircuits KBDP64 Datasheet HTML 3Page - ABCircuits KBDP64 Datasheet HTML 4Page - ABCircuits KBDP64 Datasheet HTML 5Page - ABCircuits KBDP64 Datasheet HTML 6Page - ABCircuits KBDP64 Datasheet HTML 7Page - ABCircuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number KBDP64
February 2013 Page 4 of 7
VDD
Connect to supply voltage of 2.4 to 5 volts. A .1 uF decoupling capacitor to ground is
recommended.
NOTES:
Make no connection to the NC pins. Pins 9 and 19 must be left unconnected.
Truth Table
The output codes of the KBD64 start at zero, and progress upwards in a binary count. The hex
output of the DOut bits is shown in the right column. Custom output codes are available, consult
the factory for information.
ROWY1
ROWY2
ROWY3
ROWY4
ROWY5
ROWY6
ROWY7
ROWY8
HEX
COLX1
X
00
COLX1
X
01
COLX1
X
02
COLX1
X
03
COLX1
X
04
COLX1
X
05
COLX1
X
06
COLX1
X
07
COLX2
X
08
COLX2
X
09
COLX2
X
0A
COLX2
X
0B
COLX2
X
0C
COLX2
X
0D
COLX2
X
0E
COLX2
X
0F
COLX3
X
10
COLX3
X
11
COLX3
X
12
COLX3
X
13
COLX3
X
14
COLX3
X
15
COLX3
X
16
COLX3
X
17
COLX4
X
18
COLX4
X
19
COLX4
X
1A
COLX4
X
1B
COLX4
X
1C
COLX4
X
1D
COLX4
X
1E
COLX4
X
1F
COLX5
X
20
COLX5
X
21
COLX5
X
22
COLX5
X
23
COLX5
X
24



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com