Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBDP64 Datasheet(PDF) 1 Page - ABCircuits

Part # KBDP64
Description  Parallel output keyboard encoder for up to 64 keys
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCIRCUITS [ABCircuits]
Direct Link  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

KBDP64 Datasheet(HTML) 1 Page - ABCircuits

  KBDP64 Datasheet HTML 1Page - ABCircuits KBDP64 Datasheet HTML 2Page - ABCircuits KBDP64 Datasheet HTML 3Page - ABCircuits KBDP64 Datasheet HTML 4Page - ABCircuits KBDP64 Datasheet HTML 5Page - ABCircuits KBDP64 Datasheet HTML 6Page - ABCircuits KBDP64 Datasheet HTML 7Page - ABCircuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number KBDP64
February 2013 Page 1 of 7
KBDP64 IC
Parallel output keyboard encoder for up to 64 keys
General Description
The KBDP64 IC is designed to provide a parallel binary output encoder for keyboards up to 64
keys. The KBDP64 IC contains all the logic necessary to encode a SPST keyboard switch array
up to 8 by 8 in size and provide a parallel binary output and a data available strobe. The data
available strobe goes high when a key is pressed, and goes low when the key is released. The
data outputs keep their states after the key is released. The array can be a 8 x 8 array, but any
smaller size may be used. The KBDP64 handles debouncing and encodes the keys with no
external parts. All timing is internally generated. No external diodes are required in the array to
prevent key ghosting in a two key rollover situation.
A .1 uF bypass capacitor is suggested
across the VDD and VSS pins. The part uses the standard 28 pin .3 inch width SOIC package.
Features
• Parallel data output plus data available strobe.
• Fully encodes a key switch array. (up to 8 x 8)
• No external parts required.
• Low power consumption 2 mA typical.
• Last key pressed retained on outputs
• Supply voltage 2.4 to 5.25 volts.
• All timing internally generated.
• 2 Key rollover.
• On chip row input resistors.
• Internal key bounce elimination.
• TTL and CMOS compatible outputs.
• Part is in full production.
• SOIC 28 Pin Package.
• LOW EMI
• ROHS Compliant


Similar Part No. - KBDP64

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
KBD-6304 ADVANTECH-KBD-6304 Datasheet
117Kb / 1P
Keyboards
KBD-6305 ADVANTECH-KBD-6305 Datasheet
117Kb / 1P
Keyboards
KBD-6307 ADVANTECH-KBD-6307 Datasheet
117Kb / 1P
Keyboards
KBD-6307 ADVANTECH-KBD-6307_12 Datasheet
1Mb / 1P
Keyboards
KBD-6312 ADVANTECH-KBD-6312 Datasheet
117Kb / 1P
Keyboards
More results

Similar Description - KBDP64

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83049 EMC-EM83049 Datasheet
96Kb / 17P
KEYBOARD ENCODER
EM83050H EMC-EM83050H Datasheet
116Kb / 20P
KEYBOARD ENCODER
EM83053A EMC-EM83053A Datasheet
210Kb / 24P
KEYBOARD ENCODER
logo
List of Unclassifed Man...
SC83053 ETC-SC83053 Datasheet
483Kb / 27P
KEYBOARD ENCODER
logo
SamHop Microelectronics...
SM5025 SAMHOP-SM5025 Datasheet
61Kb / 1P
64 KEYS ENCODER
logo
ELAN Microelectronics C...
EKK8301 EMC-EKK8301 Datasheet
566Kb / 30P
Keyboard Encoder
logo
List of Unclassifed Man...
AY-5-3600 ETC1-AY-5-3600 Datasheet
249Kb / 6P
Keyboard Encoder
logo
Holtek Semiconductor In...
HT6547C HOLTEK-HT6547C Datasheet
1,008Kb / 20P
KEYBOARD ENCODER FOR WINDOWS95
logo
ABCircuits
74C922-SO ABCIRCUITS-74C922-SO Datasheet
122Kb / 5P
Keyboard / Keypad Encoder for up to 16 switches
December 2012
KBDSER132 ABCIRCUITS-KBDSER132 Datasheet
132Kb / 9P
Serial output keyboard encoder for up to 132 keys
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com