Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO150 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISO150
Description  Dual, Isolated, Bi-Directional DIGITAL COUPLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO150 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  ISO150 Datasheet HTML 1Page - Burr-Brown (TI) ISO150 Datasheet HTML 2Page - Burr-Brown (TI) ISO150 Datasheet HTML 3Page - Burr-Brown (TI) ISO150 Datasheet HTML 4Page - Burr-Brown (TI) ISO150 Datasheet HTML 5Page - Burr-Brown (TI) ISO150 Datasheet HTML 6Page - Burr-Brown (TI) ISO150 Datasheet HTML 7Page - Burr-Brown (TI) ISO150 Datasheet HTML 8Page - Burr-Brown (TI) ISO150 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
®
ISO150
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
SPECIFICATIONS
TA = +25°C, VS = +5V unless otherwise noted.
ISO150AP, AU
NOTES: (1) All devices receive a 1s test. Failure criterion is
≥5 pulses of ≥5pC. (2) The voltage rate-of-change across the isolation barrier that can be sustained
without data errors. (3) Logic inputs are HCT-type and thresholds are a function of power supply voltage with approximately 0.4V hystersis—see text. (4) Supply
current measured with both tranceivers set for the indicated mode. Supply current varies with data rate—see typical curves. (5) Calculated from the maximum Pulse
Width Distortion (PWD), where Data Rate = 0.3/PWD. (6) Propagation time measured from VIN = 1.5V to VO = 2.5V. (7) The difference in propagation time of channel
A and channel B in any combination of transmission directions. (8) The difference between progagation time of a rising edge and a falling edge.
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
ISOLATION PARAMETERS
Rated Voltage, Continuous
60Hz
1500
Vrms
Partial Discharge, 100% Test(1)
1s, 5pC
2400
Vrms
Creepage Distance (External)
DIP—“P” Package
16
mm
SOIC—“U” Package
7.2
mm
Internal Isolation Distance
0.10
mm
Isolation Voltage Transient Immunity(2)
1.6
kV/
µs
Barrier Impedance
>1014 || 7
Ω || pF
Leakage Current
240Vrms, 60Hz
0.6
µArms
DC PARAMETERS
Logic Output Voltage, High, VOH
IOH = 6mA
VS–1
VS
V
Low, VOL
IOL = 6mA
0
0.4
V
Logic Output Short-Circuit Current
Source or Sink
30
mA
Logic Input Voltage, High(3)
2VS
V
Low(3)
0
0.8
V
Logic Input Capacitance
5pF
Logic Input Current
<1
nA
Power Supply Voltage Range(3)
3
5
5.5
V
Power Supply Current(4)
Transmit Mode
DC
0.001
100
µA
50MBaud
14
mA
Receive Mode
DC
7.2
10
mA
50MBaud
16
mA
AC PARAMETERS
Data Rate, Maximum(5)
CL = 50pF
50
80
MBaud
Data Rate, Minimum
DC
Propagation Time(6)
CL = 50pF
20
27
40
ns
Propagation Delay Skew(7)
CL = 50pF
0.5
2
ns
Pulse Width Distortion(8)
CL = 50pF
1.5
6
ns
Output Rise/Fall Time, 10% to 90%
CL = 50pF
9
14
ns
Mode Switching Time
Receive-to-Transmit
13
ns
Transmit-to-Receive
75
ns
TEMPERATURE RANGE
Operating Range
–40
85
°C
Storage
–40
125
°C
Thermal Resistance,
θ
JA
75
°C/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com