Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO150 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISO150
Description  Dual, Isolated, Bi-Directional DIGITAL COUPLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO150 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  ISO150 Datasheet HTML 1Page - Burr-Brown (TI) ISO150 Datasheet HTML 2Page - Burr-Brown (TI) ISO150 Datasheet HTML 3Page - Burr-Brown (TI) ISO150 Datasheet HTML 4Page - Burr-Brown (TI) ISO150 Datasheet HTML 5Page - Burr-Brown (TI) ISO150 Datasheet HTML 6Page - Burr-Brown (TI) ISO150 Datasheet HTML 7Page - Burr-Brown (TI) ISO150 Datasheet HTML 8Page - Burr-Brown (TI) ISO150 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
®
5
ISO150
TYPICAL PERFORMANCE CURVES (CONT)
T
A = +25°C, VS = +5V unless otherwise noted.
ISOLATION VOLTAGE vs FREQUENCY
10k
2.1k
1k
100
10
1
1k
10k
100k
1M
10M
100M
Frequency (Hz)
Max DC
Rating
Degraded
Performance
PULSE WIDTH DISTORTION
vs TEMPERATURE
Temperature (°C)
–60
5
4
3
2
1
0
–40
–20
0
20
40
60
80
100
120
140
V
S = 5.0V
C
L = 50pF
OUTPUT VOLTAGE vs LOGIC INPUT VOLTAGE
5
4
3
2
1
0
0.5
1.0
1.5
2.0
V
IN (V)
PROPAGATION DELAY vs TEMPERATURE
60
50
40
30
20
10
0
–60
–40
–20
0
20
40
60
80
100 120
140
Temperature (°C)
V
S = 3.0V
V
S = 5.0V
C
L = 50pF
LOGIC INPUT THRESHOLD VOLTAGE
vs SUPPLY VOLTAGE
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Supply Voltage, V
SS (V)
V
T LOW, –40°C
V
T HIGH, 125°C
ISOLATION LEAKAGE CURRENT vs FREQUENCY
100m
10m
1m
100µ
10µ
1µ
100n
1
10
100
1k
10k
100k
1M
Frequency (Hz)
V
ISO = 240Vrms
V
ISO = 1500Vrms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com