Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO150 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISO150
Description  Dual, Isolated, Bi-Directional DIGITAL COUPLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO150 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  ISO150 Datasheet HTML 1Page - Burr-Brown (TI) ISO150 Datasheet HTML 2Page - Burr-Brown (TI) ISO150 Datasheet HTML 3Page - Burr-Brown (TI) ISO150 Datasheet HTML 4Page - Burr-Brown (TI) ISO150 Datasheet HTML 5Page - Burr-Brown (TI) ISO150 Datasheet HTML 6Page - Burr-Brown (TI) ISO150 Datasheet HTML 7Page - Burr-Brown (TI) ISO150 Datasheet HTML 8Page - Burr-Brown (TI) ISO150 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ISO150
Dual, Isolated, Bi-Directional
DIGITAL COUPLER
q REPLACES HIGH-PERFORMANCE
OPTOCOUPLERS
q DATA RATE: 80M Baud, typ
q LOW POWER CONSUMPTION:
25mW Per Channel, max
q TWO CHANNELS, EACH BI-DIRECTIONAL,
PROGRAMMABLE BY USER
q PARTIAL DISCHARGE TESTED: 2400Vrms
q CREEPAGE DISTANCE OF 16.5mm (DIP)
q LOW COST PER CHANNEL
q PLASTIC DIP AND SOIC PACKAGES
q DIGITAL ISOLATION FOR A/D, D/A
CONVERSION
q ISOLATED UART INTERFACE
q MULTIPLEXED DATA TRANSMISSION
q ISOLATED PARALLEL TO SERIAL
INTERFACE
q TEST EQUIPMENT
q MICROPROCESSOR SYSTEM INTERFACE
q ISOLATED LINE RECEIVER
q GROUND LOOP ELIMINATION
FEATURES
APPLICATIONS
Channel 2
Channel 1
Side A
Side B
GA
D2A
R/T2A
VSA
D1A
R/T1A
D2B
VSB
R/T2B
D1B
GB
R/T1B
DESCRIPTION
The ISO150 is a two-channel, galvanically isolated
data coupler capable of data rates of 80MBaud, typi-
cal. Each channel can be individually programmed to
transmit data in either direction.
Data is transmitted across the isolation barrier by
coupling complementary pulses through high voltage
0.4pF capacitors. Receiver circuitry restores the pulses
to standard logic levels. Differential signal transmis-
sion rejects isolation-mode voltage transients up to
1.6kV/
µs.
ISO150 avoids the problems commonly associated
with optocouplers. Optically isolated couplers require
high current pulses and allowance must be made for
LED aging. The ISO150’s Bi-CMOS circuitry oper-
ates at 25mW per channel.
ISO150 is available in a 24-pin DIP package and in a
28-lead SOIC. Both are specified for operation from
–40˚C to 85˚C.
© 1993 Burr-Brown Corporation
PDS-1213B
Printed in U.S.A. August, 1994
International Airport Industrial Park
•
Mailing Address: PO Box 11400
•
Tucson, AZ 85734
•
Street Address: 6730 S. Tucson Blvd.
•
Tucson, AZ 85706
Tel: (520) 746-1111
•
Twx: 910-952-1111
•
Cable: BBRCORP
•
Telex: 066-6491
•
FAX: (520) 889-1510
•
Immediate Product Info: (800) 548-6132


Similar Part No. - ISO150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO150 TI1-ISO150 Datasheet
1Mb / 21P
DUAL, ISOLATED, BIDIRECTIONAL DIGITAL COUPLER
ISO1500 TI1-ISO1500 Datasheet
544Kb / 26P
3-kV Basic Isolated RS-485/RS-422 Transceiver in Ultra-Small Package
ISO1500 TI2-ISO1500 Datasheet
1Mb / 36P
ISO1500 3-kVRMS Basic Isolated RS-485/RS-422 Transceiver in Ultra-Small Package
REVISED FEBRUARY 2020
ISO1500DBQ TI1-ISO1500DBQ Datasheet
544Kb / 26P
3-kV Basic Isolated RS-485/RS-422 Transceiver in Ultra-Small Package
ISO1500DBQ TI2-ISO1500DBQ Datasheet
1Mb / 36P
ISO1500 3-kVRMS Basic Isolated RS-485/RS-422 Transceiver in Ultra-Small Package
REVISED FEBRUARY 2020
More results

Similar Description - ISO150

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BDCA-15-25 MINI-BDCA-15-25 Datasheet
117Kb / 1P
Bi-Directional Coupler
BDCN-14-22 MINI-BDCN-14-22 Datasheet
295Kb / 1P
Bi-Directional Coupler
CPL-20-14 MINI-CPL-20-14 Datasheet
305Kb / 1P
Bi-Directional Coupler
SCBD-25-122HP MINI-SCBD-25-122HP Datasheet
392Kb / 3P
Bi-Directional Coupler
MBDC-13-63HP MINI-MBDC-13-63HP Datasheet
338Kb / 3P
Bi-Directional Coupler
SYBD-22-172HP MINI-SYBD-22-172HP Datasheet
288Kb / 1P
Bi-Directional Coupler
SYBD-23-13HP MINI-SYBD-23-13HP Datasheet
296Kb / 1P
Bi-Directional Coupler
SYBD-26-13HP MINI-SYBD-26-13HP Datasheet
288Kb / 1P
Bi-Directional Coupler
ZABDC10-25HP MINI-ZABDC10-25HP Datasheet
208Kb / 1P
Bi-Directional Coupler
ZABDC20-232H MINI-ZABDC20-232H Datasheet
216Kb / 3P
Bi-Directional Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com