Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO150 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISO150
Description  Dual, Isolated, Bi-Directional DIGITAL COUPLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO150 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  ISO150 Datasheet HTML 1Page - Burr-Brown (TI) ISO150 Datasheet HTML 2Page - Burr-Brown (TI) ISO150 Datasheet HTML 3Page - Burr-Brown (TI) ISO150 Datasheet HTML 4Page - Burr-Brown (TI) ISO150 Datasheet HTML 5Page - Burr-Brown (TI) ISO150 Datasheet HTML 6Page - Burr-Brown (TI) ISO150 Datasheet HTML 7Page - Burr-Brown (TI) ISO150 Datasheet HTML 8Page - Burr-Brown (TI) ISO150 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
®
ISO150
TYPICAL PERFORMANCE CURVES
T
A = +25°C, VS = +5V unless otherwise noted.
SUPPLY CURRENT PER CHANNEL
vs TEMPERATURE
Temperature (°C)
–60
6
5
4
3
2
1
–40
–20
0
20
40
60
80
100
120
140
V
S = 5.0V
V
S = 3.0V
NORMALIZED RISE/FALL TIME vs TEMPERATURE
1.6
1.5
1.4
1.3
1.2
1.1
1.0
.9
–60
–40
–20
0
20
40
60
80
100
120
140
Temperature (°C)
C
L = 50pF
Normalized to Average
of Many Devices
at 25°C
+1
σ
–1
σ
SUPPLY CURRENT PER CHANNEL
vs SUPPLY VOLTAGE
5
4
3
2
1
12345
6
Supply Voltage, V
S (V)
C
L = 15pF
Receive Mode
Transmit Mode
0
f = 1MHz = 2MBaud
POWER CONSUMPTION PER CHANNEL vs FREQUENCY
Frequency (Hz)
100k
1M
10M
100M
50
40
30
20
10
0
10
8
6
4
2
0
Receive
Transmit
No Load
One Channel
NOTE:
Baud Rate = 2 • Frequency
TYPICAL RISE AND FALL TIMES vs CAPACITIVE LOAD
vs SUPPLY VOLTAGE
100
80
60
40
20
0
0
100
200
300
400
500
Capacitive Load (pF)
V
S = 3.0V
V
S = 5.0V
tr
tf
tf
tr
PROPAGATION DELAY vs SUPPLY VOLTAGE
45
40
35
30
25
20
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Supply Voltage, V
S (V)
Low to High
High to Low
Pulse Width Distortion



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com