Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO150 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISO150
Description  Dual, Isolated, Bi-Directional DIGITAL COUPLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO150 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  ISO150 Datasheet HTML 1Page - Burr-Brown (TI) ISO150 Datasheet HTML 2Page - Burr-Brown (TI) ISO150 Datasheet HTML 3Page - Burr-Brown (TI) ISO150 Datasheet HTML 4Page - Burr-Brown (TI) ISO150 Datasheet HTML 5Page - Burr-Brown (TI) ISO150 Datasheet HTML 6Page - Burr-Brown (TI) ISO150 Datasheet HTML 7Page - Burr-Brown (TI) ISO150 Datasheet HTML 8Page - Burr-Brown (TI) ISO150 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
®
3
ISO150
ABSOLUTE MAXIMUM RATINGS
Storage Temperature ......................................................... –40
°C to +125°C
Supply Voltages, V
S ...................................................................... –0.5 to 6V
Transmitter Input Voltage, V
I ............................................. –0.5 to VS + 0.5V
Receiver Output Voltage, V
O ............................................. –0.5 to VS + 0.5V
R/T
X Inputs ......................................................................... –0.5 to VS + 0.5V
Isolation Voltage dV/dt, V
ISO ............................................................ 500kV/µs
D
X Short to Ground ...................................................................... Continuous
Junction Temperature, T
J .................................................................... 175°C
Lead Temperature (soldering, 10s) ..................................................... 260
°C
1.6mm below seating plane (DIP package) ......................................... 300
°C
PACKAGE INFORMATION(1)
PACKAGE DRAWING
MODEL
PACKAGE
NUMBER
ISO150AP
24-Pin Single-Wide DIP
243-1
ISO150AU
28-Lead SOIC
217-2
NOTE: (1) For detailed drawing and dimension table, please see end of
data sheet, or Appendix D of Burr-Brown IC Data Book.
PIN CONFIGURATION
TOP VIEW
DIP
24
23
22
15
14
13
1
2
3
10
11
12
D
1A
R/T
1A
V
SA
G
B
R/T
1B
D
1B
D
2A
R/T
2A
G
A
V
SB
R/T
2B
D
2B
TOP VIEW
SOIC
PIN DESCRIPTIONS
NAME
FUNCTION
D
1A
Data in or data out for transceiver 1A. R/T
1A held
low makes D
1A an input pin.
R/T
1A
Receive/Transmit switch controlling transceiver 1A.
V
SA
+5V supply pin for side A which powers transceivers
1A and 2A.
G
B
Ground pin for transceivers 1B and 2B.
R/T
1B
Receive/Transmit switch controlling transceiver 1B.
D
1B
Data in or data out for transceiver 1B. R/T
1B held
low makes D
1B an input pin.
D
2B
Data in or data out for transceiver 2B. R/T
2B held
low makes D
2B an input pin.
R/T
2B
Receive/Transmit switch controlling D
2B.
V
SB
+5V supply pin for side B which powers transceivers
1B and 2B.
G
A
Ground pin for transceivers 1A and 2A.
R/T
2A
Receive/Transmit switch controlling transceiver 2A.
D
2A
Data in or data out for transceiver 2A. R/T
2A held
low makes D
2A in input pin.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with ap-
propriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
28
27
26
17
16
15
1
2
3
12
13
14
D
1A
R/T
1A
V
SA
G
B
R/T
1B
D
1B
D
2A
R/T
2A
G
A
V
SB
R/T
2B
D
2B



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com