Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO150 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISO150
Description  Dual, Isolated, Bi-Directional DIGITAL COUPLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO150 Datasheet(HTML) 6 Page - Burr-Brown (TI)

  ISO150 Datasheet HTML 1Page - Burr-Brown (TI) ISO150 Datasheet HTML 2Page - Burr-Brown (TI) ISO150 Datasheet HTML 3Page - Burr-Brown (TI) ISO150 Datasheet HTML 4Page - Burr-Brown (TI) ISO150 Datasheet HTML 5Page - Burr-Brown (TI) ISO150 Datasheet HTML 6Page - Burr-Brown (TI) ISO150 Datasheet HTML 7Page - Burr-Brown (TI) ISO150 Datasheet HTML 8Page - Burr-Brown (TI) ISO150 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
®
ISO150
TYPICAL PERFORMANCE CURVES (CONT)
T
A = +25°C, VS = +5V unless otherwise noted.
ISOLATION BARRIER
Data is transmitted by coupling complementary logic pulses
to the receiver through two 0.4pF capacitors. These capaci-
tors are built into the ISO150 package with Faraday shield-
ing to guard against false triggering by external electrostatic
fields.
The integrity of the isolation barrier of the ISO150 is
verified by partial discharge testing. 2400Vrms, 60Hz, is
applied across the barrier for one second while measuring
any tiny discharge currents that may flow through the
barrier. These current pulses are produced by localized
ionization within the barrier. This is the most sensitive and
reliable indicator of barrier integrity and longevity, and does
not damage the barrier. A device fails the test if five or more
current pulses of 5pC or greater are detected.
FIGURE 1. Basic Operation Diagram.
Conventional isolation barrier testing applies test voltage far
in excess of the rated voltage to catastrophically break down
a marginal device. A device that passes the test may be
weakened, and lead to premature failure.
APPLICATIONS INFORMATION
Figure 1 shows the ISO150 connected for basic operation.
Channel 1 is configured to transmit data from side B to A.
Channel 2 is set for transmission from side A to B. The R/T pins
for each of the four transceivers are shown connected to the
required logic level for the transmission direction shown. The
transmission direction can be controlled by logic signals
applied to the R/T pins. Channel 1 and 2 can be independently
controlled for the desired transmission direction.
TYPICAL INSULATION RESISTANCE vs TEMPERATURE
1016
1015
1014
1013
1012
1011
1010
0
20
40
60
80
100
120
140
160
180
Temperature (°C)
NOTES: (1) Power Supplies and grounds on
side A and side B are isolated. (2) Recommended
bypass: 0.1
µF in parallel with 1nF.
Data In
+5V(1)
+5V(1)
(1)
(1)
(2)
(1)
(1)
(2)
Channel 2
Data Out
Channel 1
Data Out
Channel 2
Data In
Channel 1
(Transmit)
(Transmit)
(Receive)
(Receive)
Channel 2
Channel 1
Side A
Side B
GA
D2A
R/T2A
D2B
VSB
R/T2B
D1B
GB
R/T1B
VSA
D1A
R/T1A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com