Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR160 Datasheet(PDF) 4 Page - California Micro Devices Corp

Part # CMPWR160
Description  USB peripheral Power Management
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR160 Datasheet(HTML) 4 Page - California Micro Devices Corp

  CMPWR160 Datasheet HTML 1Page - California Micro Devices Corp CMPWR160 Datasheet HTML 2Page - California Micro Devices Corp CMPWR160 Datasheet HTML 3Page - California Micro Devices Corp CMPWR160 Datasheet HTML 4Page - California Micro Devices Corp CMPWR160 Datasheet HTML 5Page - California Micro Devices Corp CMPWR160 Datasheet HTML 6Page - California Micro Devices Corp CMPWR160 Datasheet HTML 7Page - California Micro Devices Corp CMPWR160 Datasheet HTML 8Page - California Micro Devices Corp CMPWR160 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CALIFORNIA MICRO DEVICES
©2000 California Micro Devices Corp. All rights reserved. SmartOR™ is a trademark of California Micro Devices Corporation.
12/5/2000
215 Topaz Street, Milpitas, California 95035

Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
4
CMPWR160
Typical DC Characteristics
Unless stated otherwise, all DC characteristics were
measured at room temperature with a nominal V
CC
supply voltage of 5V and an output capacitance of 10µF.
Resistive load conditions were used.
Line Regulation Characteristics of the regulator are
shown in Figure 1. At maximum rated load conditions
(500mA), a 100mV drop in regulation occurs when the
line voltage has collapses below 3.8V. For light load
conditions (5mA), regulation is maintained for line
voltages as low as 3.3V.
Load Regulation performance is shown from zero to
maximum rated load in Figure 2. A 10% to 100% change
of rated load, results in an output voltage change of less
than 10mV. This translates into an effective output
impedance of approximately 0.02
Ω.
Figure 1. Line Regulation
3.05
3.10
3.15
3.20
3.25
3.30
3.35
3.0
3.5
4.0
VCC (V)
4.5
5mA Load
500mA Load
5.0
3.40
3.35
3.30
3.25
3.20
0
200
400
Load Current (mA)
600
Figure 2. Load Regulation
Ground Current is shown across the entire range of
load conditions in Figure 3. The ground current increases
by 40µA across the range of load conditions. This
increase is due to the current limiting protective circuitry
becoming active.
Figure 3. Ground Current
80
100
60
40
20
0
0
200
400
Load Current (mA)
600



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com