Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR160 Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # CMPWR160
Description  USB peripheral Power Management
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR160 Datasheet(HTML) 5 Page - California Micro Devices Corp

  CMPWR160 Datasheet HTML 1Page - California Micro Devices Corp CMPWR160 Datasheet HTML 2Page - California Micro Devices Corp CMPWR160 Datasheet HTML 3Page - California Micro Devices Corp CMPWR160 Datasheet HTML 4Page - California Micro Devices Corp CMPWR160 Datasheet HTML 5Page - California Micro Devices Corp CMPWR160 Datasheet HTML 6Page - California Micro Devices Corp CMPWR160 Datasheet HTML 7Page - California Micro Devices Corp CMPWR160 Datasheet HTML 8Page - California Micro Devices Corp CMPWR160 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CALIFORNIA MICRO DEVICES
©2000 California Micro Devices Corp. All rights reserved. SmartOR™ is a trademark of California Micro Devices Corporation.
12/5/2000
5
215 Topaz Street, Milpitas, California 95035

Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
CMPWR160
Typical DC Characteristics continued
V
CC Operating Current (no load, SD high) is shown
across a range of V
CC supply voltages with the regulator
enabled in Figure 4. The graph shows that the operating
current is 35µA typical and changes by less than 1µA
across this range.
Figure 4. V
CC Operating Current (no load)
40
50
60
30
20
10
0
3.5
4.5
5.5
VCC (V)
V
CC Shutdown Current variation with the VCC supply
voltage is shown in Figure 5.
8
10
6
4
2
0
1.5
2.5
3.5
VCC (V)
5.5
4.5
Figure 5. V
CC Shutdown Current



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com