Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR160 Datasheet(PDF) 9 Page - California Micro Devices Corp

Part # CMPWR160
Description  USB peripheral Power Management
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR160 Datasheet(HTML) 9 Page - California Micro Devices Corp

Back Button CMPWR160 Datasheet HTML 2Page - California Micro Devices Corp CMPWR160 Datasheet HTML 3Page - California Micro Devices Corp CMPWR160 Datasheet HTML 4Page - California Micro Devices Corp CMPWR160 Datasheet HTML 5Page - California Micro Devices Corp CMPWR160 Datasheet HTML 6Page - California Micro Devices Corp CMPWR160 Datasheet HTML 7Page - California Micro Devices Corp CMPWR160 Datasheet HTML 8Page - California Micro Devices Corp CMPWR160 Datasheet HTML 9Page - California Micro Devices Corp CMPWR160 Datasheet HTML 10Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CALIFORNIA MICRO DEVICES
©2000 California Micro Devices Corp. All rights reserved. SmartOR™ is a trademark of California Micro Devices Corporation.
12/5/2000
9
215 Topaz Street, Milpitas, California 95035

Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
CMPWR160
Typical Thermal Characteristics
Thermal dissipation of junction heat consists primarily of
two paths in series. The first path is the junction to the
case (
θ
JC) thermal resistance which is defined by the
package style, and the second path is the case to
ambient (
θ
CA) thermal resistance, which is dependent on
board layout.
The overall junction to ambient (
θ
JA) thermal resistance is
equal to:
θ
JA = θJC + θCA
For a given package style and board layout, the operat-
ing junction temperature is a function of junction power
dissipation P
JUNC, and the ambient temperature, resulting
in the following thermal equation:
T
JUNC = TAMB + PJUNC (θJC ) + PJUNC (θCA )
= T
AMB + PJUNC (θJA)
The CMPWR160SA is housed in a thermally enhanced
package where all the GND pins (5 through 8) are
integral to the leadframe (fused leadframe). When the
device is mounted on a double sided printed circuit
board with two square inches of copper allocated for
“heat spreading”, the resulting
θ
JA is 50°C/W.
Based on a maximum power dissipation of
1.0W (2Vx500mA) with an ambient of 70°C the resulting
junction temperature will be:
T
JUNC = TAMB + PJUNC (θJA )
= 70°C + 1.0W (50°C/W)
= 70°C + 50°C = 120°C
All thermal characteristics of the CMPWR160SA were
measured using a double sided board with two square
inches of copper area connected to the GND pins for
“heat spreading”.
Measurements showing performance up to junction
temperature of 125°C were performed under light load
conditions (5mA). This allows the ambient temperature to
be representative of the internal junction temperature.
Note: The use of multi-layer board construction with
power planes will further enhance the thermal perfor-
mance of the package. In the event of no copper area
being dedicated for heat spreading, a multi-layer board
construction, using only the minimum size pad layout,
will typically provide the CMPWR160SA with an overall
θ
JA of 70°C/W which allows up to 780mW to be safely
dissipated.
Output Voltage vs.Temperature
Figure 14 shows the regulator V
OUT performance up to
the maximum rated junction temperature. A 125°C
variation in junction temperature from –25°C causes an
output voltage variation of about 50mV, reflecting
a voltage temperature coefficient of approximately
±50ppm/°C.
Figure 14. V
OUT Temperature Variation (5mA)
3.35
3.25
3.27
3.29
3.31
3.33
–25
25
075
Temperature (˚C)
50
100
125



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com