Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR160 Datasheet(PDF) 10 Page - California Micro Devices Corp

Part # CMPWR160
Description  USB peripheral Power Management
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR160 Datasheet(HTML) 10 Page - California Micro Devices Corp

Back Button CMPWR160 Datasheet HTML 2Page - California Micro Devices Corp CMPWR160 Datasheet HTML 3Page - California Micro Devices Corp CMPWR160 Datasheet HTML 4Page - California Micro Devices Corp CMPWR160 Datasheet HTML 5Page - California Micro Devices Corp CMPWR160 Datasheet HTML 6Page - California Micro Devices Corp CMPWR160 Datasheet HTML 7Page - California Micro Devices Corp CMPWR160 Datasheet HTML 8Page - California Micro Devices Corp CMPWR160 Datasheet HTML 9Page - California Micro Devices Corp CMPWR160 Datasheet HTML 10Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CALIFORNIA MICRO DEVICES
©2000 California Micro Devices Corp. All rights reserved. SmartOR™ is a trademark of California Micro Devices Corporation.
12/5/2000
215 Topaz Street, Milpitas, California 95035

Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
10
CMPWR160
Typical Thermal Characteristics continued
Output Voltage (Rated) vs.Temperature
Figure 15 shows the regulator steady state performance
when fully loaded (500mA) from –25°C up to the rated
maximum temperature of 70°C. The output variation at
maximum load is approximately 20mV across the shown
operating temperature. This translates to a temperature
coefficient of approximately ±30ppm/°C.
Figure 15. V
OUT Temperature Variation (500mA)
POR
Voltage Threshold Temperature Variation
Figure 16 shows the POR threshold voltage variation
from –25°C up to the maximum rated junction tempera-
ture. The overall 150°C change in junction temperature
causes less than a 5mV variation in the POR threshold
voltage. This translates to a temperature coefficient of
±6ppm/°C.
The POR pulse duration does not vary with temperature.
3.34
3.24
3.26
3.28
3.30
3.32
–25
25
0
Temperature (˚C)
50
V
CC Supply Current Temperature Variation
Figure 17 shows the V
CC supply current variation with
temperature from –25°C to the maximum rated junction
temperature with no load on the device. The supply
current changes less than 1µA over the entire 150°C
range shown in the plot.
Figure 16. POR Threshold
Temperature Variation
Figure 17. V
CC Supply Current
vs.Temperature
3.24
2.85
2.90
2.95
3.00
–25
25
075
Temperature (˚C)
50
100
125
30
32
34
36
38
40
–25
25
075
Temperature (˚C)
50
100
125



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com