Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR160 Datasheet(PDF) 6 Page - California Micro Devices Corp

Part # CMPWR160
Description  USB peripheral Power Management
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR160 Datasheet(HTML) 6 Page - California Micro Devices Corp

Back Button CMPWR160 Datasheet HTML 2Page - California Micro Devices Corp CMPWR160 Datasheet HTML 3Page - California Micro Devices Corp CMPWR160 Datasheet HTML 4Page - California Micro Devices Corp CMPWR160 Datasheet HTML 5Page - California Micro Devices Corp CMPWR160 Datasheet HTML 6Page - California Micro Devices Corp CMPWR160 Datasheet HTML 7Page - California Micro Devices Corp CMPWR160 Datasheet HTML 8Page - California Micro Devices Corp CMPWR160 Datasheet HTML 9Page - California Micro Devices Corp CMPWR160 Datasheet HTML 10Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CALIFORNIA MICRO DEVICES
©2000 California Micro Devices Corp. All rights reserved. SmartOR™ is a trademark of California Micro Devices Corporation.
12/5/2000
215 Topaz Street, Milpitas, California 95035

Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
6
CMPWR160
Typical Transient Characteristics
The transient characterization test setup is shown in
Figure 6. It was the setup used for the transient tests
unless specified otherwise.
A maximum rated load current of 6.6
Ω (500mA @ 3.3V)
was used during characterization along with a nominal
V
CC supply voltage of 5V DC, unless specified otherwise.
The load transient characterization was done by switch-
ing between 6.6 and 660
Ω load resistors. This switched
the load between 500 and 5mA respectively.
For the V
CC power-up and power-down characterizations
V
CC supply was ramped between 0 and 5V. Both the rise
and fall times for the V
CC power-up/down pulses were
controlled to be 15ms.
In the line transient characterizations the V
CC supply
voltage was controlled to step between 4.5 to 5.5V.
For the POR response characterization V
CC and SD were
tied to ground and the V
OUT voltage was directly driven
between 2.7 and 3.1V. This was done by connecting a
function generator directly to the output of the device.
These voltage values were picked because it drove V
OUT
directly across the typical POR threshold voltage of 2.9V.
V
CC was tied to ground to show that the POR circuitry will
operate even when the V
CC supply voltage is not present.
The oscilloscope traces show the full bandwidth re-
sponse at the SD, POR, V
CC and VOUT pins depending on
the characterization.
VCC
VOUT
GND
C1
10µF
C2
0.1µF
+
C3
0.1µF
C4
10µF
(500mA)
6.6
Ω
+
GND
VCC
SD
GND
POR
VOUT
CMPWR160
POR
Figure 6. Transient Characterization Test Setup
V
CC power-up Cold Start
Figure 7 shows the output response during an initial V
CC
power up with SD tied to V
CC. When VCC reaches a
particular threshold, the regulator turns on. The un-
charged output capacitor causes maximum inrush
current to flow. At this point the device sees the output
as a short circuit and the device enters a protective
current limiting mode. The output capacitor quickly
charges and V
OUT rises. Once this voltage rises to just
below V
CC the inrush current stops flowing and the output
rises with the input. V
OUT continues to rise with the input
until it reaches 3.3V.
Figure 7. V
CC Power-up Cold Start
280mV
(500mA Load)
VCC
VOUT
M 2.00ms
1.00V
Ch2 1.00V
25.0kS/s
Tek Run
Sample
Ch2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com