Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR160 Datasheet(PDF) 8 Page - California Micro Devices Corp

Part # CMPWR160
Description  USB peripheral Power Management
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR160 Datasheet(HTML) 8 Page - California Micro Devices Corp

Back Button CMPWR160 Datasheet HTML 2Page - California Micro Devices Corp CMPWR160 Datasheet HTML 3Page - California Micro Devices Corp CMPWR160 Datasheet HTML 4Page - California Micro Devices Corp CMPWR160 Datasheet HTML 5Page - California Micro Devices Corp CMPWR160 Datasheet HTML 6Page - California Micro Devices Corp CMPWR160 Datasheet HTML 7Page - California Micro Devices Corp CMPWR160 Datasheet HTML 8Page - California Micro Devices Corp CMPWR160 Datasheet HTML 9Page - California Micro Devices Corp CMPWR160 Datasheet HTML 10Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CALIFORNIA MICRO DEVICES
©2000 California Micro Devices Corp. All rights reserved. SmartOR™ is a trademark of California Micro Devices Corporation.
12/5/2000
215 Topaz Street, Milpitas, California 95035

Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
8
CMPWR160
Typical Transient Characteristics continued
Load Step response
Figure 11 shows the output voltage (Ch1) response of
the regulator during a step load change between 5mA
and 500mA (represented on Ch2). For the 5mA to
500mA transition an initial transient overshoot of 60mV
occurs and then the output settles to its final voltage
within 20µs. For the 500mA to 5mA transition there is
also an initial overshoot of 60mV however it takes
approximately 250µs to settle to its final voltage.
The overall DC voltage disturbance on the output is
approximately 25mV, which demonstrates the regulator
output impedance of 50m
Ω.
V
OUT offset = 3.3V
Line Step Response
Figure 12 shows the output response of the regulator to
a V
CC line voltage transient between 4.5V and 5.5V
(1Vpp as shown on Ch2). The load condition during this
test is 5mA. The output response produces less than
10mV of disturbance on both edges indicating a line
rejection of better than 40dB at high frequencies.
V
OUT offset = 3.3V
Reset response time with overdrive
Figure 13 shows the time it takes for the POR signal to
reset when the output voltage is driven below the POR
trigger threshold by varying amounts. The amount the
voltage is driven below the POR trigger threshold is the
overdrive voltage.
Figure 11. Load Step Response
Figure 12. Line Step Response
Figure 13. Reset Response Time with Overdrive
1.60V
M 200µs
50.0mV
Ch1
1
2.00V
250kS/s
Tek Run
Sample
Ch2
Load
5mA
500mA
VOUT (offset = 3.3V)
5.00V
(5mA Load)
4.5V
5.5V
M 200µs
20.0mV Ch2
2
500mV
250kS/s
Tek
2 Acqs
Ch2
VOUT(offset = 3.3V)
VCC
1000
100
10
1
0
50
100
150
200
Overdrive (mV)
250
300



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com