Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9489 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ML9489
Description  Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 160 Outputs LCD Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9489 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ML9489 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 13Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
FEDL9489-02
ML9489
10/32
PIN DESCRIPTIONS
Pad
number
Symbol
I/O
Description
109-112
M/S
I
This is the input to switch between the master and slave modes. It has a
schmitt circuit. When this pin is "H", the mode is master. When this pin is "L",
the mode is slave.
9-12
13-16
Duty0
Duty1
*1
I
Display duty switch pins. These have schmitt circuits.
Duty0="L", Duty1="L" : Static
(COM1=COM2=COM3=COM4)
Duty0="H", Duty1="L" : 1/2Duty
(COM1=COM3, COM2=COM4)
Duty0="L", Duty1="H" : 1/3Duty
(COM2=COM4)
Duty0="H", Duty1="H" : 1/4Duty
121-124
BIAS
I
This pin sets the LCD bias. It has a schmitt circuit.
BIAS="L": 1/3bias
BIAS="H": 1/2bias
When the static mode selection, fix this pin at “H” or “L” level.
25-28
SA0
I
Slave address input pin. It has a schmitt circuit.
17-20
21-24
A1
A0
I
Sub address input pins. These have schmitt circuits.
117-120
OSC I/E
I
This input selects whether to use the external clock input mode or to use the
Internal oscillation mode or external oscillation mode. It has a schmitt circuit.
When this pin is "H", the mode is the Internal or external Rf oscillation mode.
When this pin is "L", the mode is the external clock input mode.
Use the slave chip as it is connected to GND.
78-82
83-87
88-82
OSC1,
OSCR,
OSC2
*2
I
I
O
These pins are for the oscillator circuit to generate common signals.
The OSC1 and OSCR pins are input pins and have a schmitt circuit.
OSC2 is an output pin. It becomes an output when the OSC I/E pin = "H" and
a high impedance when the OSC I/E pin = "L".
【
In the master mode (M/S pin ="H") 】
Three types are selectable: Internal oscillation mode, external oscillation
mode, and external clock input mode.
•Internal oscillation mode: Set the OSC I/E pin to "H", short the OSCR and
OSC2 pins, and open the OSC1 pin.
•External Rf oscillation mode: Set the OSC I/E pin to "H", connect an
oscillation resistor Rf between the OSC1 and OSC2 pins, and open the
OSCR pin.
•External clock input mode: Set the OSC I/E pin to "L", open the OSCR and
OSC2 pins, and input the external clock to the OSC1 pin.
【
In the slave mode (M/S pin ="L") 】
Open the OSCR and OSC2 pins and connect the OSC1 pin to the
ML9489's CKO pin that has been set to the master mode.
93-97
CKO
O
Clock output pin.
In the master mode (M/S pin = "H"), the 1/16 division signal of the oscillation
frequency is output.
In the slave mode (M/S pin = "L"), the output is fixed to "L".
For a cascade connection, connect this pin to the OSC1 pin of the chip that
has been set to the slave mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com