Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9489 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ML9489
Description  Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 160 Outputs LCD Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9489 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ML9489 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 13Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 14Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
FEDL9489-02
ML9489
11/32
98-102
SYNCB
I/O
Input/output pin for common synchronization. It has a schmitt circuit.
It becomes the synchronization signal output pin in the master mode (M/S
pin = "H").
It becomes the synchronization signal input pin in the slave mode (M/S pin = "L").
For cascade connection, connect all of the involved ML9489s' SYNC pins by
the common line.
105-108
I2C
I
Interface switching pin. It has a schmitt circuit.
When this pin is "H", the interface is I
2C.
When this pin is "L", the interface is three-wire serial.
36-40
DATA
(SDA)
I
Display data input pin. It has a schmitt circuit.
I2C="L": Serial interface; DATA
Input the display data in the order of SEG160, SEG159, ... , SEG2, and
SEG1. The display data turns on at "H" and turns off at "L".
I2C="H": I
2C interface; SDA
Input the display data in units of 8 bits. The display data turns on at "H" and
turns off at "L".
This pin has a built-in noise filter through which noises in widths up to 50 ns
are removed. This noise filter is valid only when I2C = "H".
41-45
CLOCK
(SCL)
I
Shift clock input pin for display data. It has a schmitt circuit.
I2C="L": Serial interface; CLOCK
The display data input to the DATA pin is serially input to the shift register at
the CLOCK signal rise.
I2C="H": I
2C interface; SCL
The display data input to the SDA pin is serially input to the shift register at
the SCL signal rise.
This pin has a built-in noise filter through which noises in widths up to 50 ns
are removed. This noise filter is valid only when I2C = "H".
46-50
LOAD
I
Input pin for the load signal of display data. It has a schmitt circuit.
I2C="L": Serial interface; LOAD
The display data in the shift register is transmitted as is to the segment driver
for the "H" duration. When this pin is brought into "L", the shift register is
disconnected from the segment driver. The display data in the shift register
immediately before it become "L" is held in the data latch and transmitted to
the segment driver.
I2C="H": I
2C interface
Use this pin as it is connected to GND.
31-35
SDAACK
O
I2C="L": Serial interface
Use this pin as it is opened.
I2C="H": I
2C interface
The I
2C bus acknowledge output signal. Normally, use it as it is connected
with the SDA pin.
Connect an external pull-up resistor whenever
necessary, as it is an open drain pin. The pull-up connection destination
supply voltage shall be the VDD supply voltage or less.
113-116
POCEB
I
Internal POC circuit enable pin. It has a schmitt circuit.
When this pin is "H", the POC circuit becomes OFF and the constant current
(8µA) is cut. The RESETB pin pull-up resistor is cut as well.
When this pin is "L", the POC circuit becomes ON.
The RESETB pin is connected to a pull-up resistor.
73-77
RESETB
*3
I
Reset signal input pin for initializing inside the IC. It has a schmitt circuit.
The "L" level enables the reset. This pin has an Internal pull-up resistor.
When POCEB = "H", input the external reset signal to this pin.
When POCEB = "L", the power-on reset operation is available by open this
pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com