Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9489 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # ML9489
Description  Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 160 Outputs LCD Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9489 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button ML9489 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 13Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 14Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 15Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 16Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 17Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
FEDL9489-02
ML9489
14/32
DESCRIPTION
Operation description (Serial interface)
• Display data input
As described in the Data configuration section, the display data consists of the data field that corresponds to
each segment on/off and the command field that indicates the display data input.
When inputting the display data, the "F3" command is set in the command field. When the "F1" or "F2"
command is set in the command field, the display data in the data field becomes invalid.
The data input to the DATA pin is loaded to the shift register at the CLOCK pulse rise, transferred to the
display data latch during the LOAD pulse at the "H" level, then output via the segment driver.
D1
D2
D3
D4
D160
C0
C1
C2
C3
C4
C5
C6
CLOCK
DATA
New data
LOAD
Display output
C7
Data field
Old data
Command field
• Display on, Display off
The display becomes off at power-on reset. To display, write the display on command.
The display off is the command that makes all segments off. Writing the display off command, turns off the
lights regardless of the display data.
The display on is the command to release the display off. Writing the display on command returns the display
to the original state.
D1 D2
C6
C4 C5 C6 C7
C4 C5 C6 C7
CLOCK
DATA
LOAD
Display ON/OFF
C7
RESET
Display data input
Display on
command write
Display off
command write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com