Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9489 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # ML9489
Description  Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 160 Outputs LCD Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9489 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button ML9489 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 13Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 14Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 15Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 16Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 17Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 18Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
FEDL9489-02
ML9489
15/32
List of Commands
Command
name
C7
C6
C5
C4
C3
C2
C1
C0
Operation
F0
0
0
0
0
x
x
x
x
Disabled
F1
0
1
F1
(*2)
F0
(*2)
x
x
x
x
Frame frequency setting
(F1,F0)=(0, 0): 130Hz
(F1,F0)=(0, 1): 150Hz
(F1,F0)=(1, 0): 170Hz
(F1,F0)=(1, 1): 190Hz
(valid for Internal CR oscillation)
F2
1
0
1
D
(*2)
x
x
x
x
Display on/off
"0" : Off (COM=SEG=GND)
"1" : On
F3(*1)
1
1
SA1
SA0
A1
A0
Co1
Co0
Data write address setting
(Co1,Co0)=(0, 0): Corresponding to
common 1
(Co1,Co0)=(0, 1): Corresponding to
common 2
(Co1,Co0)=(1, 0): Corresponding to
common 3
(Co1,Co0)=(1, 1): Corresponding to
common 4
SA1, SA0, A1, A0: Chip address
x: Don't care
(*1): For the I2C interface, SA0 is set at a slave address.
These bits become "Don't care".
In the ML9489, set the SA1 address to "1".
(*2): The register is set to the following value by the RESETB = "L" input or by the power-on POC.
F1="0", F0="0", D="0"
Data configuration
• Data configuration (Serial interface)
D160 D159
D158
D3
D2
D1
C0
C1
C2
C3
C4
C5
Command
LCD display data
Corresponding to SEG1
Corresponding to SEG160
First bit
C6
C7
Note 1 : The commands F1 and F2 settings become valid when the least four bits of C4 to C7 are input.
(The bits from D1 to D160 and from C0 to C3 are not necessary.)
Note 2 : If the dummy bit is needed for the reason of number of transfer bits, put it on the first bit side.
Note 3 : The command execution follows the contents of the C7 to C0 registers immediately before the LOAD
becomes "H".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com