Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9489 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # ML9489
Description  Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 160 Outputs LCD Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9489 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button ML9489 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 13Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 14Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 15Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
FEDL9489-02
ML9489
12/32
125-128
129-132
TEST1
TEST2
I
Pin for testing the IC. These have Internal pull-down resistors.
Use it as it is connected to GND.
155-234
239-318
SEG1
SEG160
O
Outputs for LCD display. Connected to the segment pins on the LCD panel.
In the display off mode, all the outputs are fixed to GND.
143-146
235-238
326-329
COM1
COM4
O
Outputs for LCD display. Connected to the common pin on the LCD panel.
The output pins are located at three positions: both ends of the chip and
between SEG80 and SEG81. Each is connected inside the chip. Use the
COM pins in accordance with the panel to be used.
In the display off mode, all the outputs are fixed to GND.
When the slave is set (M/S=”L”), connecting SYNCB signals enables the
master chip to synchronize with common outputs.
59-65
VDD
-
Power supply pin for logic circuit.
66-72
VLCD
-
Power supply pin for LCD driver.
51-58
GND
-
Ground pin.
29-30
103-104
VDDO
-
VDD output pin.
Use this pin when fixing the mode setting input pin to "H" on the COG.
7-8
133-134
GNDO
-
Ground output pin.
Use this pin when fixing the mode setting input pin to "L" on the COG.
1-6
135-142
147-154
319-325
330-331
DUMMY
-
Floating pin.
At this time, avoid this pin from shorting with pins other than DUMMY in the
wiring on the COG.
*1: For details of the COM and SEG waveform when a duty is selected, refer to "Common waveform" on page
18 and "Common Segment waveform" on page 19 to 23.
*2: Oscillator circuit configuration
• When M/S = "H", OSC I/E = "H"
[Internal Rf oscillation mode]
[External Rf oscillation mode]
OPEN
OSC2
OSC1
OSCR
OSC2
R
f
OSC1
OPEN
OSCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com